Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5316 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APL5316
Description  Low Dropout 300mA Linear Regulator With Power-Ok Indicator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5316 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APL5316 Datasheet HTML 2Page - Anpec Electronics Coropration APL5316 Datasheet HTML 3Page - Anpec Electronics Coropration APL5316 Datasheet HTML 4Page - Anpec Electronics Coropration APL5316 Datasheet HTML 5Page - Anpec Electronics Coropration APL5316 Datasheet HTML 6Page - Anpec Electronics Coropration APL5316 Datasheet HTML 7Page - Anpec Electronics Coropration APL5316 Datasheet HTML 8Page - Anpec Electronics Coropration APL5316 Datasheet HTML 9Page - Anpec Electronics Coropration APL5316 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jun, 2011
APL5316
www.anpec.com.tw
6
Operating Waveforms (Cont.)
Enable
Shutdown
CH1 : V
OUT, 500mV/div
CH2 : V
SHDN, 5V/div
CH3 : I
OUT, 200mA/div
Time : 50
µs/div
CH1 : V
OUT, 500mV/div
CH2 : V
SHDN
, 5V/div
CH3 : I
OUT, 200mA/div DC
Time : 10
µs/div
V
OUT
V
SHDN
I
OUT
V
OUT
V
SHDN
I
OUT
Power on
Power off
CH1 : V
IN, 2V/div
CH2 : V
OUT, 500mV/div
CH3 : I
OUT, 100mA/div
Time : 200
µs/div
CH1 : V
IN, 2V/div
CH2 : V
OUT, 500mV/div,
CH3 : I
OUT, 100mA/div
Time : 50ms/div
V
IN
V
OUT
I
OUT
V
IN
V
OUT
I
OUT
V
OUT=1.2V
V
OUT=1.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com