Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5320 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APL5320
Description  Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5320 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APL5320 Datasheet HTML 9Page - Anpec Electronics Coropration APL5320 Datasheet HTML 10Page - Anpec Electronics Coropration APL5320 Datasheet HTML 11Page - Anpec Electronics Coropration APL5320 Datasheet HTML 12Page - Anpec Electronics Coropration APL5320 Datasheet HTML 13Page - Anpec Electronics Coropration APL5320 Datasheet HTML 14Page - Anpec Electronics Coropration APL5320 Datasheet HTML 15Page - Anpec Electronics Coropration APL5320 Datasheet HTML 16Page - Anpec Electronics Coropration APL5320 Datasheet HTML 17Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.9 - Mar., 2012
APL5320
www.anpec.com.tw
13
Application Information(Cont.)
Recommended Minimum Footprint
0.5
0.95
1.90
Unit: mm
SOT-23-5/TSOT-23-5
0.3
0.65
1.30
Unit: mm
SC-70-5
0.45
2.0
1.6
0.25
0.5
0.6
0.8
Thermal Via
Φ0.30mm
Unit:mm
TDFN1.6x1.6-6
Unit: mm
VTDFN1.2x1.6-4
0.35
0.6
1.0
Thermal Via
Φ0.30mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com