Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5331 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL5331
Description  3A Bus Termination Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5331 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL5331_08 Datasheet HTML 1Page - Anpec Electronics Coropration APL5331_08 Datasheet HTML 2Page - Anpec Electronics Coropration APL5331_08 Datasheet HTML 3Page - Anpec Electronics Coropration APL5331_08 Datasheet HTML 4Page - Anpec Electronics Coropration APL5331_08 Datasheet HTML 5Page - Anpec Electronics Coropration APL5331_08 Datasheet HTML 6Page - Anpec Electronics Coropration APL5331_08 Datasheet HTML 7Page - Anpec Electronics Coropration APL5331_08 Datasheet HTML 8Page - Anpec Electronics Coropration APL5331_08 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.4 - Mar., 2008
APL5331
www.anpec.com.tw
2
Package Code
K : SOP-8
KA : SOP-8P
U5 : TO-252-5
G5 : TO-263-5
Operating Ambient Temperature Range
C : 0 to 70 oC
Handling Code
TR : Tape & Reel
Assembly Material
L : Lead Free Device
G : Halogen and Lead Free Device
APL5331
Handling Code
Temperature Range
Package Code
APL5331
XXXXX
APL5331 K :
APL5331 KA :
XXXXX - Date Code
APL5331
XXXXX
APL5331 U5 :
APL5331 G5 :
XXXXX - Date Code
Assembly Material
Ordering and Marking Information
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020C for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Symbol
Parameter
Rating
Unit
VCNTL
VCNTL Supply Voltage, VCNTL to GND
-0.2 ~ 7
V
VIN
VIN Supply Voltage, VIN to GND
-0.2 ~ 3.9
V
PD
Power Dissipation
Internally Limited
W
TJ
Junction Temperature
150
oC
TSTG
Storage Temperature
-65 ~ 150
oC
TSDR
Lead Soldering Temperature, 10 Seconds
260
oC
Absolute Maximum Ratings
Thermal Characteristics
Symbol
Parameter
Value
Unit
θ
JA
Junction-to-Ambient Thermal Resistance in Free Air
SOP-8
SOP-8P
TO-252-5
TO-263-5
75
55
42
34
oC/W
θ
JC
Junction-to-Case Thermal Resistance
SOP-8
SOP-8P
TO-252-5
TO-263-5
28
20
12
11
oC/W
Note :
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. The exposed pad
of SOP-8P is soldered directly on the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com