Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5338AXAI-TRG Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APL5338AXAI-TRG
Description  2A Bus Termination Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5338AXAI-TRG Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APL5338AXAI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APL5338AXAI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APL5338AXAI-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APL5338AXAI-TRG Datasheet HTML 12Page - Anpec Electronics Coropration APL5338AXAI-TRG Datasheet HTML 13Page - Anpec Electronics Coropration APL5338AXAI-TRG Datasheet HTML 14Page - Anpec Electronics Coropration APL5338AXAI-TRG Datasheet HTML 15Page - Anpec Electronics Coropration APL5338AXAI-TRG Datasheet HTML 16Page - Anpec Electronics Coropration APL5338AXAI-TRG Datasheet HTML 17Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Aug., 2013
APL5338A
www.anpec.com.tw
13
Application Information (Cont.)
Layout Consideration (Cont.)
Figure 2. MSOP-10P package Recommended Layout
Recommended Minimum Footprint
APL5338A
VIN
VTT
PGND
GND
COUT
For dissipating heat
VCNTL
CIN
C1
C2
PGND
GND
0.020
0.010
1
2
3
4
8
7
6
5
0.098
Unit : Inch
10
9
8
7
5
6
MSOP-8P
0.012
0.062
0.024
0.02
Unit: Inch
0.012
The via diameter = 0.012
Hole size = 0.008
TDFN3x3-10
DFN2x2-8
0.012
0.02
0.0118
0.0315
0.022
The via diameter = 0.012
Hole size = 0.008
Unit: Inch
Ground plane for Thermal PAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com