Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5601 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APL5601
Description  Low Dropout 600mA Fixed Voltage Linear Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5601 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APL5601 Datasheet HTML 9Page - Anpec Electronics Coropration APL5601 Datasheet HTML 10Page - Anpec Electronics Coropration APL5601 Datasheet HTML 11Page - Anpec Electronics Coropration APL5601 Datasheet HTML 12Page - Anpec Electronics Coropration APL5601 Datasheet HTML 13Page - Anpec Electronics Coropration APL5601 Datasheet HTML 14Page - Anpec Electronics Coropration APL5601 Datasheet HTML 15Page - Anpec Electronics Coropration APL5601 Datasheet HTML 16Page - Anpec Electronics Coropration APL5601 Datasheet HTML 17Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Jun., 2012
www.anpec.com.tw
13
APL5601/5602
Package Information
SOT-89
S
Y
M
B
O
MIN.
MAX.
MILLIMETERS
SOT-89
MIN.
MAX.
INCHES
A
C
e1
e
B
B1
D
D1
1.60
0.44
0.35
0.44
4.40
4.60
1.62
1.83
0.56
2.13
A
B
C
D
D1
E
E1
e
e1
B1
0.36
0.48
3.00 BSC
3.94
4.25
2.29
2.60
2.29
0.118 BSC
0.063
0.017
0.014
0.019
0.014
0.017
0.173
0.181
0.064
0.072
0.084
0.155
0.167
0.090
0.102
0.090
0.022
L
0.89
0.035
H
1.50 BSC
0.059 BSC
1.40
1.20
0.047
0.055
L
Note : Follow JEDEC TO-243 AA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com