Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

02DZ2.0 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 02DZ2.0
Description  Constant Voltage Regulation Applications Reference Voltage Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

02DZ2.0 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  02DZ2.0 Datasheet HTML 1Page - Toshiba Semiconductor 02DZ2.0 Datasheet HTML 2Page - Toshiba Semiconductor 02DZ2.0 Datasheet HTML 3Page - Toshiba Semiconductor 02DZ2.0 Datasheet HTML 4Page - Toshiba Semiconductor 02DZ2.0 Datasheet HTML 5Page - Toshiba Semiconductor 02DZ2.0 Datasheet HTML 6Page - Toshiba Semiconductor 02DZ2.0 Datasheet HTML 7Page - Toshiba Semiconductor 02DZ2.0 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
02DZ2.0~02DZ24
2007-11-01
3
Electrical Characteristics (Ta = 25ºC)
Zener Voltage
Dynamic
Impedance
Knee Dynamic
Impedance
Reverse
Current
* VZ (V)
ZZ(Ω)
ZZK (Ω)
IR (μA)
Type No.
Min
Max
IZ
(mA)
Max
IZ
(mA)
Max
IZ
(mA)
Max
VR
(V)
X
1.85
2.05
02DZ2.0**
Z
1.95
2.15
5
100
5
1000
0.5
120
0.5
X
2.05
2.26
02DZ2.2**
Z
2.16
2.38
5
100
5
1000
0.5
120
1.0
X
2.28
2.50
02DZ2.4
Z
2.40
2.60
5
100
5
1000
0.5
120
1.0
X
2.50
2.75
02DZ2.7
Z
2.65
2.90
5
110
5
1000
0.5
120
1.0
X
2.80
3.05
02DZ3.0
Z
2.95
3.20
5
120
5
1000
0.5
50
1.0
X
3.10
3.35
02DZ3.3
Z
3.25
3.50
5
130
5
1000
0.5
20
1.0
X
3.40
3.65
02DZ3.6
Z
3.55
3.80
5
130
5
1000
0.5
10
1.0
X
3.70
3.97
02DZ3.9
Z
3.87
4.10
5
130
5
1000
0.5
10
1.0
X
4.00
4.23
Y
4.13
4.35
02DZ4.3
Z
4.25
4.50
5
130
5
1000
0.5
5
1.0
X
4.40
4.63
Y
4.53
4.76
02DZ4.7
Z
4.66
4.90
5
120
5
1000
0.5
5
1.0
X
4.80
5.07
Y
4.97
5.24
02DZ5.1
Z
5.14
5.40
5
70
5
1000
0.5
1
1.5
X
5.30
5.63
Y
5.43
5.81
02DZ5.6
Z
5.61
6.00
5
40
5
900
0.5
1
2.5
X
5.80
6.20
Y
6.00
6.39
02DZ6.2
Z
6.19
6.60
5
30
5
500
0.5
1
3.0
*:
Test time: t = 30ms
**:
Product by order



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com