Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1837 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SA1837
Description  Power Amplifier Applications Driver Stage Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1837 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SA1837 Datasheet HTML 1Page - Toshiba Semiconductor 2SA1837 Datasheet HTML 2Page - Toshiba Semiconductor 2SA1837 Datasheet HTML 3Page - Toshiba Semiconductor 2SA1837 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SA1837
2006-11-09
3
Collector-emitter voltage VCE (V)
IC – VCE
Base-emitter voltage VBE (V)
IC – VBE
Collector current IC (A)
hFE – IC
Collector current IC (A)
VCE (sat) – IC
Collector current IC (mA)
fT – IC
Collector-emitter voltage VCE (V)
Safe Operating Area
−1.0
0
0
−0.2
−0.4
−0.6
−0.8
−0.2
−0.4
−0.6
−0.8
−1.0
−1.2
−1.4
Common emitter
VCE = −5 V
−25
Tc = 100°C
25
1000
10
30
50
100
300
500
−0.003
−0.01
−0.03
−0.1
−0.3
−1
−3
Common emitter
VCE = −5 V
−25
Tc = 100°C
25
500
10
−5
−10
−30
−100
−300
−1000
30
50
100
300
Common emitter
VCE = −10 V
Tc = 25°C
−5
−0.01
−1
−3
−10
−30
−100
−300
−0.03
−0.05
−0.1
−0.3
−0.5
−1
−3
*: Single nonrepetitive pulse
Tc = 25°C
Curves must be derated linearly
with increase in temperature.
IC max (pulsed)*
IC max (continuous)
100 ms*
10 ms*
1 ms*
DC operation
−3
−0.01
−0.003
−0.03
−0.05
−0.1
−0.3
−0.5
−1
−0.01
−0.03
−0.1
−0.3
−1
−3
Common emitter
IC/IB = 10
−25
Tc = 100°C
25
−1.0
0
0
−0.2
−0.4
−0.6
−0.8
−2
−4
−6
−8
−10
Common emitter
Tc = 25°C
−4
IB = −2 mA
−6
−8
−10
−20



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com