Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2714 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SC2714
Description  High Frequency Amplifier Applications FM, RF, MIX, IF Amplifier Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC2714 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SC2714 Datasheet HTML 1Page - Toshiba Semiconductor 2SC2714 Datasheet HTML 2Page - Toshiba Semiconductor 2SC2714 Datasheet HTML 3Page - Toshiba Semiconductor 2SC2714 Datasheet HTML 4Page - Toshiba Semiconductor 2SC2714 Datasheet HTML 5Page - Toshiba Semiconductor 2SC2714 Datasheet HTML 6Page - Toshiba Semiconductor 2SC2714 Datasheet HTML 7Page - Toshiba Semiconductor 2SC2714 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2SC2714
2010-08-24
2
L1: 0.8 mm
φ silver plated copper wire, 4T, 10ID, 8 length
y Parameter (typ.)
(1)
Common emitter (VCE = 6 V, IE = −1 mA, f = 100 MHz, Ta = 25°C)
Characteristics
Symbol
Typ.
Unit
Input conductance
gie
2.9
mS
Input capacitance
Cie
10.2
pF
Reverse transfer admittance
⎪yre⎪
0.33
mS
Phase angle of reverse transfer
admittance
θre
−90
°
Forward transfer admittance
|yfe|
40
mS
Phase angle of forward transfer
admittance
θfe
−20
°
Output conductance
goe
45
μS
Output capacitance
Coe
1.1
pF
(2)
Common base (VCE = 6 V, IE = −1 mA, f = 100 MHz, Ta = 25°C)
Characteristics
Symbol
Typ.
Unit
Input conductance
gib
34
mS
Input capacitance
Cib
−10
pF
Reverse transfer admittance
⎪yrb⎪
0.27
mS
Phase angle of reverse transfer
admittance
θrb
−105
°
Forward transfer admittance
|yfb|
34
mS
Phase angle of forward transfer
admittance
θfb
165
°
Output conductance
gob
45
μS
Output capacitance
Cob
1.1
pF
Figure1
NF, Gpe Test Circuit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com