Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3265 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC3265
Description  Low Frequency Power Amplifier Applications Power Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3265 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC3265 Datasheet HTML 1Page - Toshiba Semiconductor 2SC3265 Datasheet HTML 2Page - Toshiba Semiconductor 2SC3265 Datasheet HTML 3Page - Toshiba Semiconductor 2SC3265 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC3265
2007-11-01
1
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process)
2SC3265
Low Frequency Power Amplifier Applications
Power Switching Applications
• High DC current gain: hFE (1) = 100~320
• Low saturation voltage: VCE (sat) = 0.4 V (max)
(IC = 500 mA, IB = 20 mA)
• Complementary to 2SA1298
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
30
V
Collector-emitter voltage
VCEO
25
V
Emitter-base voltage
VEBO
5
V
Collector current
IC
800
mA
Base current
IB
160
mA
Collector power dissipation
PC
200
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the
Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report and
estimated failure rate, etc).
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 30 V, IE = 0
⎯
⎯
0.1
μA
Emitter cut-off current
IEBO
VEB = 5 V, IC = 0
⎯
⎯
0.1
μA
Collector-emitter breakdown voltage
V (BR) CEO
IC = 10 mA, IB = 0
25
⎯
⎯
V
Emitter-base breakdown voltage
V (BR) EBO
IE = 0.1 mA, IC = 0
5
⎯
⎯
V
hFE (1)
(Note)
VCE = 1 V, IC = 100 mA
100
⎯
320
DC current gain
hFE (2)
VCE = 1 V, IC = 800 mA
40
⎯
⎯
Collector-emitter saturation voltage
VCE (sat)
IC = 500 mA, IB = 20 mA
⎯
⎯
0.4
V
Base-emitter voltage
VBE
VCE = 1 V, IC = 10 mA
0.5
⎯
0.8
V
Transition frequency
fT
VCE = 5 V, IC = 10 mA
⎯
120
⎯
MHz
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
⎯
13
⎯
pF
Note: hFE (1) classification O: 100~200, Y: 160~320
Unit: mm
JEDEC
TO-236MOD
JEITA
SC-59
TOSHIBA
2-3F1A
Weight: 0.012 g (typ.)


Similar Part No. - 2SC3265

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3265 TOSHIBA-2SC3265 Datasheet
135Kb / 3P
NPN EPITAXIAL TYPE (LOW FREQUENCY POWER AMPLIFIER, POWER SWITCHING APPLICATIONS)
logo
Guangdong Kexin Industr...
2SC3265 KEXIN-2SC3265 Datasheet
36Kb / 1P
Silicon NPN Epitaxial
logo
Toshiba Semiconductor
2SC3265 TOSHIBA-2SC3265 Datasheet
86Kb / 3P
Low Frequency Power Amplifier Applications Power Switching Applications
2SC3265 TOSHIBA-2SC3265 Datasheet
184Kb / 4P
Low Frequency Power Amplifier Applications Power Switching Applications
logo
SHENZHEN YONGERJIA INDU...
2SC3265 WINNERJOIN-2SC3265 Datasheet
98Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
More results

Similar Description - 2SC3265

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA562TM TOSHIBA-2SA562TM_07 Datasheet
315Kb / 3P
Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
2SA1182 TOSHIBA-2SA1182_07 Datasheet
318Kb / 3P
Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
2SA1362 TOSHIBA-2SA1362_07 Datasheet
307Kb / 4P
Low Frequency Power Amplifier Applications Power Switching Applications
2SA1588 TOSHIBA-2SA1588_07 Datasheet
332Kb / 3P
Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
2SC3265 TOSHIBA-2SC3265_03 Datasheet
86Kb / 3P
Low Frequency Power Amplifier Applications Power Switching Applications
2SA1313-YTE85LF TOSHIBA-2SA1313-YTE85LF Datasheet
198Kb / 4P
Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
2SA1182-Y TOSHIBA-2SA1182-Y Datasheet
151Kb / 3P
Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
2SA1362-Y TOSHIBA-2SA1362-Y Datasheet
192Kb / 4P
Low Frequency Power Amplifier Applications Power Switching Applications
2SC3265YTE85L TOSHIBA-2SC3265YTE85L Datasheet
184Kb / 4P
Low Frequency Power Amplifier Applications Power Switching Applications
2SC3325Y TOSHIBA-2SC3325Y Datasheet
144Kb / 4P
Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com