Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTP1306 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MTP1306
Description  TMOS POWER FET 75 AMPERES 30 VOLTS RDS(on) = 0.0065 OHM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTP1306 Datasheet(HTML) 1 Page - Motorola, Inc

  MTP1306 Datasheet HTML 1Page - Motorola, Inc MTP1306 Datasheet HTML 2Page - Motorola, Inc MTP1306 Datasheet HTML 3Page - Motorola, Inc MTP1306 Datasheet HTML 4Page - Motorola, Inc MTP1306 Datasheet HTML 5Page - Motorola, Inc MTP1306 Datasheet HTML 6Page - Motorola, Inc MTP1306 Datasheet HTML 7Page - Motorola, Inc MTP1306 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Motorola TMOS Power MOSFET Transistor Device Data
Advance Information
HDTMOS E-FET.™
High Density Power FET
N–Channel Enhancement–Mode Silicon Gate
This advanced high–cell density HDTMOS power FET is
designed to withstand high energy in the avalanche and commuta-
tion modes. This new energy efficient design also offers a
drain–to–source diode with a fast recovery time. Designed for low
voltage, high speed switching applications in power supplies,
converters and PWM motor controls, these devices are particularly
well suited for bridge circuits where diode speed and commutating
safe operating area are critical and offer additional safety margin
against unexpected voltage transients.
• Avalanche Energy Specified
• Source–to–Drain Diode Recovery Time Comparable
to a Discrete Fast Recovery Diode
• Diode is Characterized for Use in Bridge Circuits
• IDSS and VDS(on) Specified at Elevated Temperature
MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain–to–Source Voltage
VDSS
30
Vdc
Drain–to–Gate Voltage (RGS = 1.0 MΩ)
VDGR
30
Vdc
Gate–to–Source Voltage — Continuous
— Non–Repetitive (tp ≤ 10 ms)
VGS
VGSM
± 20
± 20
Vdc
Vpk
Drain Current
— Continuous
— Continuous @ 100
°C
— Single Pulse (tp ≤ 10 µs)
ID
ID
IDM
75
59
225
Adc
Apk
Total Power Dissipation
Derate above 25
°C
PD
150
1.2
Watts
W/
°C
Operating and Storage Temperature Range
TJ, Tstg
– 55 to 150
°C
Single Pulse Drain–to–Source Avalanche Energy — Starting TJ = 25°C
(VDD = 25 Vdc, VGS = 10 Vdc, Peak IL = 75 Apk, L = 0.1 mH, RG = 25 Ω)
EAS
280
mJ
Thermal Resistance — Junction–to–Case
— Junction–to–Ambient
R
θJC
R
θJA
0.8
62.5
°C/W
Maximum Lead Temperature for Soldering Purposes, 1/8
″ from Case for 5.0 seconds
TL
260
°C
This document contains information on a new product. Specifications and information herein are subject to change without notice.
E–FET and HDTMOS are trademarks of Motorola, Inc.
Order this document
by MTP1306/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MTP1306
TMOS POWER FET
75 AMPERES
30 VOLTS
RDS(on) = 0.0065 OHM
CASE 221A–06
TO–220AB
© Motorola, Inc. 1997


Similar Part No. - MTP1306

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTP1306 ONSEMI-MTP1306 Datasheet
204Kb / 8P
N?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
logo
Inchange Semiconductor ...
MTP1306 ISC-MTP1306 Datasheet
433Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - MTP1306

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTD20N03HDL MOTOROLA-MTD20N03HDL Datasheet
250Kb / 12P
TMOS POWER FET LOGIC LEVEL 20 AMPERES 30 VOLTS RDS(on) = 0.035 OHM
MTD20P03HDL MOTOROLA-MTD20P03HDL Datasheet
244Kb / 12P
TMOS POWER FET LOGIC LEVEL 19 AMPERES 30 VOLTS RDS(on) = 0.099 OHM
MTD5P06E MOTOROLA-MTD5P06E Datasheet
208Kb / 10P
TMOS POWER FET 5.0 AMPERES 60 VOLTS RDS(on) = 0.55 OHM
MTE30N50E MOTOROLA-MTE30N50E Datasheet
229Kb / 8P
TMOS POWER FET 30 AMPERES 500 VOLTS RDS(on) = 0.150 OHM
MTP30N06VL MOTOROLA-MTP30N06VL Datasheet
207Kb / 8P
TMOS POWER FET 30 AMPERES 60 VOLTS RDS(on) = 0.050 OHM
MTP30P06V MOTOROLA-MTP30P06V Datasheet
191Kb / 8P
TMOS POWER FET 30 AMPERES 60 VOLTS RDS(on) = 0.080 OHM
MTP50P03HDL MOTOROLA-MTP50P03HDL Datasheet
131Kb / 8P
TMOS POWER FET LOGIC LEVEL 50 AMPERES 30 VOLTS RDS(on) = 0.025 OHM
MTP75N05HD MOTOROLA-MTP75N05HD Datasheet
214Kb / 8P
TMOS POWER FET 75 AMPERES RDS(on) = 9.5 mW 50 VOLTS
MTP75N06HD MOTOROLA-MTP75N06HD Datasheet
275Kb / 8P
TMOS POWER FET 75 AMPERES RDS(on) = 10.0 mOHM 60 VOLTS
MTY30N50E MOTOROLA-MTY30N50E Datasheet
237Kb / 8P
TMOS POWER FET 30 AMPERES 500 VOLTS RDS(on) = 0.15 OHM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com