Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3423 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC3423
Description  Audio Frequency Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3423 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC3423 Datasheet HTML 1Page - Toshiba Semiconductor 2SC3423 Datasheet HTML 2Page - Toshiba Semiconductor 2SC3423 Datasheet HTML 3Page - Toshiba Semiconductor 2SC3423 Datasheet HTML 4Page - Toshiba Semiconductor 2SC3423 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC3423
2006-11-09
3
Collector-emitter voltage VCE (V)
IC – VCE
Collector current IC (mA)
VCE (sat) – IC
Base-emitter voltage VBE (V)
IC – VBE
Collector current IC (mA)
fT – IC
Collector current IC (mA)
hFE – IC
Cob – VCB
Collector-base voltage VCB (V)
0
0
Common emitter
Tc = 25°C
56
24
6
8
12
10
0.5
0.3
0.2
IB = 0.1 mA
0.4
4
2
8
16
40
32
48
14
16
−25
Common emitter
VCE = 5 V
Tc = 100°C
25
0
0.6
0.8
1.2
1.0
0.4
0.2
1.4
1.6
0
56
24
8
16
40
32
48
1
0.005
0.05
0.3
3
10
30
0.3
0.1
0.03
0.001
0.5
50
0.5
5
Common emitter
IC/IB = 10
25
Tc = 100°C
−25
5
500
50
100
300
10
1
3
10
100
30
0.5
30
1000
Common emitter
Tc = 25°C
VCE = 10 V
0.3
3
10
30
1
10
300
50
500
100
1000
30
50
5
0.5
Tc = 100°C
25
−25
Common emitter
VCE = 5 V
0.5
1
3
10
30
0.5
3
10
30
5
100
1
IE = 0
f = 1 MHz
Tc = 25°C
50



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com