Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7165C Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APW7165C
Description  5V to 12V Synchronous Buck Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7165C Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APW7165C Datasheet HTML 7Page - Anpec Electronics Coropration APW7165C Datasheet HTML 8Page - Anpec Electronics Coropration APW7165C Datasheet HTML 9Page - Anpec Electronics Coropration APW7165C Datasheet HTML 10Page - Anpec Electronics Coropration APW7165C Datasheet HTML 11Page - Anpec Electronics Coropration APW7165C Datasheet HTML 12Page - Anpec Electronics Coropration APW7165C Datasheet HTML 13Page - Anpec Electronics Coropration APW7165C Datasheet HTML 14Page - Anpec Electronics Coropration APW7165C Datasheet HTML 15Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Oct., 2012
APW7165C
www.anpec.com.tw
11
Under-Voltage Protection
Over-Voltage Protection (OVP)
Shutdown and Enable
Pulse Skipping Mode (PSM)
Adaptive Shoot-Through Protection
The under-voltage function monitors the voltage on FB
(V
FB) by Under-Voltage (UV) comparator to protect the PWM
converter against short-circuit conditions. When the V
FB
falls below the falling UVP threshold (50% V
REF), a fault
signal is internally generated and the device turns off
high-side and low-side MOSFETs. The converter is shut-
down and the output is latched to be floating.
The over-voltage protection monitors the FB voltage to
prevent the output from over-voltage condition. When the
output voltage rises above 120% of the nominal output
voltage, the APW7165C turns off the high-side MOSFET
and turns on the low-side MOSFET until the output volt-
age falls below the falling OVP threshold, regulating the
output voltage around the OVP threshold.
The APW7165C can be shut down or enabled by pulling
low the voltage on COMP. The COMP is a dual-function
pin. During normal operation, this pin represents the
output of the error amplifier. It is used to compensate the
regulation control loop in combination with the FB pin.
Pulling the COMP low (V
DISABLE = 0.6V typical) places the
controller into shutdown mode which UGATE and LGATE
are pulled to PHASE and GND respectively.
When the pull-down device is released, the COMP volt-
age will start to rise. When the COMP voltage rises above
the V
DISABLE threshold, the APW7165C will begin a new
initialization and soft-start process.
At light loads, the inductor current may reach zero or re-
verse on each pulse. The low-side MOSFET is turned off
by the current reversal comparator, IZCMP, to block the
negative inductor current. In this condition, the converter
enters discontinuous current mode operation.
At very light loads, the APW7165C will automatically skip
pulses in pulse skipping mode operation to reduce
switching losses as well as maintain output regulation
for efficient applications.
The gate drivers incorporate an adaptive shoot-through
protection to prevent high-side and low-side MOSFETs
from conducting simultaneously and shorting the input
supply. This is accomplished by ensuring the falling gate
has turned off one MOSFET before the other is allowed to
rise.
During turn-off of the low-side MOSFET, the LGATE volt-
age is monitored until it is below 1.5V threshold, at which
time the UGATE is released to rise after a constant delay.
During turn-off of the high-side OCSFET, the UGATE-to-
PHASE voltage is also monitored until it is below 1.5V
threshold, at which time the LGATE is released to rise
after a constant delay.
Function Description (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com