Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3803-R Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SC3803-R
Description  High Frequency Amplifier Applications Video Amplifier Applications High Speed Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3803-R Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SC3803-R Datasheet HTML 1Page - Toshiba Semiconductor 2SC3803-R Datasheet HTML 2Page - Toshiba Semiconductor 2SC3803-R Datasheet HTML 3Page - Toshiba Semiconductor 2SC3803-R Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC3803
2009-12-21
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 45 V, IE = 0
0.1
μA
Emitter cut-off current
IEBO
VEB = 5 V, IC = 0
0.1
μA
hFE (1)
(Note 3)
VCE = 1 V, IC = 10 mA
40
240
DC current gain
hFE (2)
VCE = 3 V, IC = 200 mA
20
Collector-emitter saturation voltage
VCE (sat)
IC = 100 mA, IB = 10 mA
0.3
V
Base-emitter saturation voltage
VBE (sat)
IC = 100 mA, IB = 10 mA
1.0
V
Transition frequency
fT
VCE = 10 V, IC = 10 mA
100
200
MHz
Input impedance (real part)
Re (hie)
VCE = 10 V, IE = −10 mA, f = 200 MHz
120
Ω
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
3.5
5.0
pF
Turn-on time
ton
40
Storage time
tstg
250
Switching time
Fall time
tf
30
ns
Note 3: hFE (1) classification R: 40 to 80, O: 70 to 140, Y: 120 to 240
Marking
Note 4: A line to the right of a Lot No. identifies the indication of product Labels.
Without a line: [[Pb]]/INCLUDES > MCV
With a line: [[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Please contact your TOSHIBA sales representative for details as to environmental matters such as the RoHS
compatibility of Product. The RoHS is the Directive 2002/95/EC of the European Parliament and of the Council of 27
January 2003 on the restriction of the use of certain hazardous substances in electrical and electronic equipment.
V
Part No. (or abbreviation code)
Lot No.
Note 4
Characteristics indicator
OUTPUT
680 Ω
VCC
= 12 V
VBB
= −3 V
0
10 V
1 μS
DUTY CYCLE ≤ 2%
INPUT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com