Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5095 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 2SC5095
Description  VHF~UHF Band Low Noise Amplifier Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5095 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SC5095 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5095 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5095 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5095 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5095 Datasheet HTML 5Page - Toshiba Semiconductor 2SC5095 Datasheet HTML 6Page - Toshiba Semiconductor 2SC5095 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SC5095
2007-11-01
4
S-Parameter
ZO = 50 Ω, Ta = 25°C
VCE = 6 V, IC = 3 mA
Frequency
S11
S21
S12
S22
(MHz)
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
200
0.835
−26.1
7.069
150.4
0.046
71.0
0.899
−19.3
400
0.665
−46.5
5.948
130.4
0.076
60.5
0.745
−30.3
600
0.501
−62.7
5.021
115.2
0.095
55.7
0.630
−35.9
800
0.386
−74.3
4.173
104.3
0.111
53.7
0.552
−38.5
1000
0.297
−83.7
3.592
95.6
0.124
53.2
0.500
−39.9
1200
0.226
−92.7
3.140
88.5
0.137
53.6
0.465
−41.1
1400
0.175
−101.9
2.808
82.3
0.152
54.1
0.442
−42.2
1600
0.130
−113.4
2.514
76.6
0.165
54.2
0.421
−43.8
1800
0.103
−128.0
2.293
71.7
0.179
53.9
0.405
−45.7
2000
0.081
−147.4
2.114
67.3
0.193
54.8
0.388
−47.4
VCE = 6 V, IC = 7 mA
Frequency
S11
S21
S12
S22
(MHz)
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
200
0.668
−40.0
12.306
138.9
0.040
67.3
0.786
−27.0
400
0.427
−64.4
8.852
116.1
0.061
61.6
0.579
−35.0
600
0.280
−79.5
6.591
102.9
0.078
61.8
0.476
−35.9
800
0.193
−89.7
5.191
94.3
0.096
62.5
0.420
−35.0
1000
0.134
−99.3
4.288
87.8
0.112
63.2
0.390
−34.2
1200
0.088
−112.3
3.661
81.9
0.130
63.8
0.374
−34.0
1400
0.056
−129.8
3.232
76.9
0.150
63.4
0.366
−34.8
1600
0.035
−169.0
2.857
72.1
0.168
62.5
0.356
−36.6
1800
0.040
157.0
2.574
68.1
0.185
61.4
0.347
−39.0
2000
0.054
131.5
2.363
64.3
0.203
61.3
0.338
−40.2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com