Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5376FV Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC5376FV
Description  Audio Frequency General Purpose Amplifier Applications For Muting and Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5376FV Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC5376FV Datasheet HTML 1Page - Toshiba Semiconductor 2SC5376FV Datasheet HTML 2Page - Toshiba Semiconductor 2SC5376FV Datasheet HTML 3Page - Toshiba Semiconductor 2SC5376FV Datasheet HTML 4Page - Toshiba Semiconductor 2SC5376FV Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC5376FV
2007-11-01
3
IC – VBE
Collector-emitter voltage VCE (V)
IC – VCE
Base-emitter voltage VBE (V)
Collector current IC (mA)
VBE (sat) – IC
Collector-base voltage VCB (V)
Cob – VCB
Collector current IC (mA)
hFE – IC
Collector current IC (mA)
VCE (sat) – IC
50
0.1
3
500
10
1
0.3
30
Common emitter
IC/IB = 20
Ta
= 25°C
30
10
0.1
5
3
1
0.5
0.3
100
300
0.0
1
0.8
0.4
1.2
Common emitter
VCE = 2V
Ta
= 100°C
25
−25
300
1000
1.6
500
30
100
50
3
10
5
IE = 0 A
f
= 1 MHz
Ta
= 25°C
100
0.1
3
100
10
1
0.3
30
50
30
1
10
5
3
0
5
3
4
1
2
0
0.6
0.2
Common emitter
Ta
= 25°C
0.8
IB
= 0.5 mA
6
0.4
1.0
5
4
3
2
1
10000
0.1
3
1000
10
1
0.3
30
5000
3000
10
1000
500
300
100
50
30
100
300
Common emitter
VCE = 2 V
Ta
= 100°C
25
−25
1000
0.1
3
1000
10
1
0.3
30
Common emitter
IC/IB = 20
500
Ta
= 100°C
25
300
1
−25
100
50
30
10
5
3
100
300



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com