Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN1971 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # RN1971
Description  Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN1971 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  RN1971 Datasheet HTML 1Page - Toshiba Semiconductor RN1971 Datasheet HTML 2Page - Toshiba Semiconductor RN1971 Datasheet HTML 3Page - Toshiba Semiconductor RN1971 Datasheet HTML 4Page - Toshiba Semiconductor RN1971 Datasheet HTML 5Page - Toshiba Semiconductor RN1971 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RN1970,RN1971
2007-11-01
2
Electrical Characteristics (Ta = 25°C) (Q1, Q2 Common)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
―
VCB = 5V, IE = 0
―
―
100
nA
Emitter cut-off current
IEBO
―
VEB = 5V, IC = 0
―
―
100
nA
DC current gain
hFE
―
VCE = 5V, IC = 1mA
120
―
700
―
Collector-emitter saturation voltage
VCE (sat)
―
IC = 5mA, IB = 0.25mA
―
0.1
0.3
V
Translation frequency
fT
―
VCE = 10V, IC = 5mA
―
250
―
MHz
Collector output capacitance
Cob
―
VCB = 10V, IE = 0, f = 1MHz
―
3
6
pF
RN1970
3.29
4.7
6.11
Input resistor
RN1971
R1
―
―
7
10
13
kΩ



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com