Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3J331R Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # SSM3J331R
Description  Power Management Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3J331R Datasheet(HTML) 4 Page - Toshiba Semiconductor

  SSM3J331R Datasheet HTML 1Page - Toshiba Semiconductor SSM3J331R Datasheet HTML 2Page - Toshiba Semiconductor SSM3J331R Datasheet HTML 3Page - Toshiba Semiconductor SSM3J331R Datasheet HTML 4Page - Toshiba Semiconductor SSM3J331R Datasheet HTML 5Page - Toshiba Semiconductor SSM3J331R Datasheet HTML 6Page - Toshiba Semiconductor SSM3J331R Datasheet HTML 7Page - Toshiba Semiconductor SSM3J331R Datasheet HTML 8Page - Toshiba Semiconductor SSM3J331R Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SSM3J331R
4
5.4.
5.4.
5.4.
5.4. Gate Charge Characteristics (T
Gate Charge Characteristics (T
Gate Charge Characteristics (T
Gate Charge Characteristics (Taaaa = 25
= 25
= 25
= 25
 unless otherwise specified)
unless otherwise specified)
unless otherwise specified)
unless otherwise specified)
Characteristics
Total gate charge (gate-source plus gate-drain)
Gate-source charge 1
Gate-drain charge
Symbol
Qg
Qgs1
Qgd
Test Condition
VDD = -10 V, VGS = -4.5 V,
ID = -3.4 A
Min
Typ.
10.4
0.7
3
Max
Unit
nC
5.5.
5.5.
5.5.
5.5. Source-Drain Characteristics (T
Source-Drain Characteristics (T
Source-Drain Characteristics (T
Source-Drain Characteristics (Taaaa = 25
= 25
= 25
= 25
 unless otherwise specified)
unless otherwise specified)
unless otherwise specified)
unless otherwise specified)
Characteristics
Diode forward voltage
(Note 1)
Symbol
VDSF
Test Condition
ID = 4.0 A, VGS = 0 V
Min
Typ.
0.86
Max
1.2
Unit
V
Note 1: Pulse measurement.
6.
6.
6.
6. Marking
Marking
Marking
Marking
Fig.
Fig.
Fig.
Fig. 6.1
6.1
6.1
6.1 Marking
Marking
Marking
Marking
2012-07-19
Rev.3.0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com