Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN2103 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # RN2103
Description  Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN2103 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  RN2103 Datasheet HTML 1Page - Toshiba Semiconductor RN2103 Datasheet HTML 2Page - Toshiba Semiconductor RN2103 Datasheet HTML 3Page - Toshiba Semiconductor RN2103 Datasheet HTML 4Page - Toshiba Semiconductor RN2103 Datasheet HTML 5Page - Toshiba Semiconductor RN2103 Datasheet HTML 6Page - Toshiba Semiconductor RN2103 Datasheet HTML 7Page - Toshiba Semiconductor RN2103 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RN2101
∼RN2106
2007-11-01
2
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
ICBO
VCB = −50 V, IE = 0
―
―
−100
Collector cut-off
current
RN2101~2106
ICEO
―
VCE = −50 V, IB = 0
―
―
−500
nA
RN2101
−0.82
―
−1.52
RN2102
−0.38
―
−0.71
RN2103
−0.17
―
−0.33
RN2104
VEB = −10 V, IC = 0
−0.082
―
−0.15
RN2105
−0.078
―
−0.145
Emitter cut-off current
RN2106
IEBO
―
VEB = −5 V, IC = 0
−0.074
―
−0.138
mA
RN2101
30
―
―
RN2102
50
―
―
RN2103
70
―
―
RN2104
80
―
―
RN2105
80
―
―
DC current gain
RN2106
hFE
―
VCE = −5 V,
IC = −10 mA
80
―
―
Collector-emitter
saturation voltage
RN2101~2106
VCE (sat)
―
IC = −5 mA,
IB = −0.25 mA
―
−0.1
−0.3
V
RN2101
−1.1
―
−2.0
RN2102
−1.2
―
−2.4
RN2103
−1.3
―
−3.0
RN2104
−1.5
―
−5.0
RN2105
−0.6
―
−1.1
Input voltage (ON)
RN2106
VI (ON)
―
VCE = −0.2 V,
IC = −5 mA
−0.7
―
−1.3
V
RN2101~2104
−1.0
―
−1.5
Input voltage (OFF)
RN2105, 2106
VI (OFF)
―
VCE = −5 V,
IC = −0.1 mA
−0.5
―
−0.8
V
Transition frequency
RN2101~2106
fT
―
VCE = −10 V,
IC = −5 mA
―
200
―
MHz
Collector Output
capacitance
RN2101~2106
Cob
―
VCB = −10 V, IE = 0,
f = 1 MHz
―
3
6
pF
RN2101
3.29
4.7
6.11
RN2102
7
10
13
RN2103
15.4
22
28.6
RN2104
32.9
47
61.1
RN2105
1.54
2.2
2.86
Input resistor
RN2106
R1
―
3.29
4.7
6.11
kΩ
RN2101~2104
0.9
1.0
1.1
RN2105
0.0421 0.0468 0.0515
Resistor ratio
RN2106
R1/R2
―
0.09
0.1
0.11



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com