Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7215 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APW7215
Description  Fixed 600kHz Step-UP Converter for White LEDs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7215 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APW7215 Datasheet HTML 9Page - Anpec Electronics Coropration APW7215 Datasheet HTML 10Page - Anpec Electronics Coropration APW7215 Datasheet HTML 11Page - Anpec Electronics Coropration APW7215 Datasheet HTML 12Page - Anpec Electronics Coropration APW7215 Datasheet HTML 13Page - Anpec Electronics Coropration APW7215 Datasheet HTML 14Page - Anpec Electronics Coropration APW7215 Datasheet HTML 15Page - Anpec Electronics Coropration APW7215 Datasheet HTML 16Page - Anpec Electronics Coropration APW7215 Datasheet HTML 17Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Oct., 2012
www.anpec.com.tw
13
APW7215
Package Information
TDFN2x2-6
S
Y
M
B
O
L
MIN.
MAX.
0.80
0.00
0.18
0.30
1.00
1.60
0.05
0.60
A
A1
b
D
D2
E
E2
e
L
MILLIMETERS
A3
0.20 REF
TDFN2x2-6
0.30
0.45
1.00
0.008 REF
MIN.
MAX.
INCHES
0.031
0.000
0.007
0.012
0.039
0.063
0.024
0.012
0.018
1.90
2.10
0.075
0.083
1.90
2.10
0.075
0.083
0.20
K
0.008
0.70
0.039
0.028
0.002
0.65 BSC
0.026 BSC
Note : 1. Followed from JEDEC MO-229 WCCC.
e
Pin 1 Corner
D2
A3
A1
A
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com