Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSS138-G Datasheet(PDF) 2 Page - Comchip Technology

Part # BSS138-G
Description  MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

BSS138-G Datasheet(HTML) 2 Page - Comchip Technology

  BSS138-G Datasheet HTML 1Page - Comchip Technology BSS138-G Datasheet HTML 2Page - Comchip Technology BSS138-G Datasheet HTML 3Page - Comchip Technology BSS138-G Datasheet HTML 4Page - Comchip Technology BSS138-G Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MOSFET
Page 2
REV:A
QW-BTR40
Comchip Technology CO., LTD.
Electrical Characteristics ( TA=25°C unless otherwise noted)
Symbol
Parameter
Conditions
Typ
Max
Unit
V(BR)DSS
IGSS
IDSS
VGS(th)
RDS(ON)
gFS
Ciss
Coss
Crss
td(on)
tr
VGS=0V, ID=250μA
VDS=0V, VGS=±20V
VDS=50V, VGS=0V
VDS=
,
VGS ID=1mA
VGS=10V, ID=0.22A
VGS=4.5V, ID=0.22A
VDS=10V, ID=0.22A
VDS=25V, VGS=0V, f=1MHz
VDD=30V, VDS=10V,
ID=0.29A,
Ω
RGEN=6
Min
Drain-Source breakdown voltage
Gate-body leakage
Zero gate voltage drain current
Gate-threshold voltage (note 1)
Forward transconductance (note 1)
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on delay time (note 1,2)
Rise time (note 1,2)
50
0.8
0.12
V
±100
0.5
3.5
6
27
13
6
5
18
V
nA
μ
A
V
Ω
S
pF
ns
1.5
Off characteristics
Dynamic characteristics (note 2)
Switching Characteristics
Turn-off delay time (note 1,2)
td(off)
36
Fall time (note 1,2)
tf
14
IDSS
VDS=30V, VGS=0V
100
n
A
VSD
Body diode forward voltage (note 1)
1.4
Drain-source body diode characteristics
V
IS=0.44A, VGS=0V
Note:
1. Pulse test ; Pulse width ≤300µs, Duty cycle ≤ 2%
2. These parameters have no way to verify.
On characteristics
Static drain-source on-resistance
(note 1)
Company reserves the right to improve product design , functions and reliability without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com