Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C50VB160-G Datasheet(PDF) 1 Page - Comchip Technology

Part # C50VB160-G
Description  Glass Passivated Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

C50VB160-G Datasheet(HTML) 1 Page - Comchip Technology

  C50VB160-G Datasheet HTML 1Page - Comchip Technology C50VB160-G Datasheet HTML 2Page - Comchip Technology C50VB160-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Glass Passivated Bridge Rectifiers
Page 1
REV:A
C50VB80-G Thru. C50VB160-G
QW-BBR57
Reverse Voltage: 800
and 1600V
V
Forward Current: 50A
RoHS Device
Maximum ratings and electrical characteristics
Rating at 25°C ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Comchip Technology CO., LTD.
Features
Mechanical Data
-Polarit: As marked on Body
-Mounting position: Any
-Weight: 44 grams
-Surge overload -500 Amperes peak
-Low forward voltage drop
-Materials used carries U/L recognition
Parameter
Symbol
Unit
Maximum Recurrent Peak R
Voltage
everse
Maximum RMS Bridge Input Voltage
Maximum Average Forward
Rectified Output Current @TC=55°C
Peak Forward Surage Current, 8.3ms Single Half Sine
-Wave Super Imposed On Rated Load (JEDEC Method)
Maximum Forward Voltage Drop Per Element At 25.0A Peak
Operating Temperature Range
Storage Temperature Range
Dielectric Strength
Typical Thermal Resistance (Note 1)
VRRM
VRMS
I(AV)
IFSM
2
I t
VF
IR
Vdis
RθJA
TJ
TSTG
50
500
800
1.1
100
2000
Max: 0.7
-55 to +150
-55 to +150
V
V
A
A
2
A s
V
μA
°C
°C/W
C50VB160-G
1600
1120
Current Squared time (
t<10ms)
1ms<
Maximum Reverse Current At Rated
DC Blocking Voltage Per Element @TA=25°C
°C
Notes: 1.Thermal Resistance Junction to case.
Mounting Torque
TOR
0.8
N.m
V
Dimensions in inches and (millimeter)
CVB
0.071(1.80)
0.039(1.00)
0.256(6.50)
0.217(5.50)
1.142(29.0)
MAX.
0.409(10.40)
0.386(9.80)
0.256(6.50)
0.244(6.20)
0.035(0.90)
0.028(0.70)
0.555(14.10)
0.516(13.10)
0.555(14.10)
0.516(13.10)
1.417(36.0)
MAX.
0.374(9.50)
0.334(8.50)
0.374(9.50)
0.334(8.50)
0.295(7.50)
0.256(6.50)
R1.75
1.417(36.0)
MAX
0.416(3.70)*45°
1
2
3
4
~
~
-
+
0.295(7.50)
0.256(6.50)
0.504(12.80)
0.504
0.138(3.50)
0.516
(13.1)
0.492
(12.5)
1
2
3
4
0.063(1.60)
0.055(1.40)
0.185(4.70)
0.169(4.30)
R3.5
(12.80)
0.413(10.50)
0.402(10.20)
C50VB80-G
800
560
1.05
10
2.Company reserves the right to improve product design , functions and reliability without notice.


Similar Part No. - C50VB160-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
C50VB80-G COMCHIP-C50VB80-G Datasheet
108Kb / 3P
Glass Passivated Bridge Rectifiers
C50VB80-G COMCHIP-C50VB80-G_15 Datasheet
108Kb / 3P
Glass Passivated Bridge Rectifiers
More results

Similar Description - C50VB160-G

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
GBPC15005W-G COMCHIP-GBPC15005W-G Datasheet
91Kb / 3P
Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
Glass Passivated Bridge Rectifiers
logo
New Jersey Semi-Conduct...
KBL400G NJSEMI-KBL400G Datasheet
152Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
MB30A BYTESONIC-MB30A Datasheet
298Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
Version 1.0 2018/5/7
logo
HY ELECTRONIC CORP.
GBU35005 HY-GBU35005_V01 Datasheet
431Kb / 3P
Glass Passivated Bridge Rectifiers
GBP005 HY-GBP005_V01 Datasheet
491Kb / 3P
Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com