Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7322 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APW7322
Description  2A, 5V, 1MHz Synchronous Buck Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7322 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APW7322 Datasheet HTML 9Page - Anpec Electronics Coropration APW7322 Datasheet HTML 10Page - Anpec Electronics Coropration APW7322 Datasheet HTML 11Page - Anpec Electronics Coropration APW7322 Datasheet HTML 12Page - Anpec Electronics Coropration APW7322 Datasheet HTML 13Page - Anpec Electronics Coropration APW7322 Datasheet HTML 14Page - Anpec Electronics Coropration APW7322 Datasheet HTML 15Page - Anpec Electronics Coropration APW7322 Datasheet HTML 16Page - Anpec Electronics Coropration APW7322 Datasheet HTML 17Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Aug., 2013
APW7322/A
www.anpec.com.tw
13
Function Description (Cont.)
Power Good Indicator
POK is actively held low in shutdown and soft-start status.
In the soft-start process, the POK is an open-drain. When
the soft-start is finished, the POK is released. In normal
operation, the POK window is from 87.5% to 112.5% of
the converter reference voltage. When the output voltage
has to stay within this window, POK signal will become
high after 0.5ms internal delay. When the output voltage
outruns 82.5% or 117.5% of the target voltage, POK sig-
nal will be pulled low immediately. In order to prevent
false POK drop, capacitors need to parallel at the output
to confine the voltage deviation with severe load step
transient. The POK pin, if used, needs an external pull
high resistor, the recommended resistor should be in
the range of 30K
Ω to 100KΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com