Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW8802 Datasheet(PDF) 21 Page - Anpec Electronics Coropration

Part # APW8802
Description  High Input Voltage 8A PWM DC/DC Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8802 Datasheet(HTML) 21 Page - Anpec Electronics Coropration

Back Button APW8802 Datasheet HTML 17Page - Anpec Electronics Coropration APW8802 Datasheet HTML 18Page - Anpec Electronics Coropration APW8802 Datasheet HTML 19Page - Anpec Electronics Coropration APW8802 Datasheet HTML 20Page - Anpec Electronics Coropration APW8802 Datasheet HTML 21Page - Anpec Electronics Coropration APW8802 Datasheet HTML 22Page - Anpec Electronics Coropration APW8802 Datasheet HTML 23Page - Anpec Electronics Coropration APW8802 Datasheet HTML 24Page - Anpec Electronics Coropration APW8802 Datasheet HTML 25Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jan., 2013
APW8802
www.anpec.com.tw
21
Package Information
TQFN5x6-28
D3
e
Pin 1
Corner
D1
H
D2
Pin 1
D
A3
A1
NX
aaa
c
A
S
Y
M
B
O
L
MIN.
MAX.
0.80
0.00
0.25
0.35
1.80
1.90
0.05
1.33
A
A1
b
D
D3
E
E3
e
L
MILLIMETERS
A3
0.20 REF
TQFN5x6-28
0.35
0.45
1.43
0.008 REF
MIN.
MAX.
INCHES
0.032
0.000
0.010
0.014
0.071
0.075
0.052
0.014
0.018
0.70
0.056
0.028
0.002
0.65 BSC
0.026 BSC
0.20
0.008
K
5.90
6.10
0.232
0.240
4.90
5.10
0.193
0.201
0.063
D2
1.50
1.60
0.059
0.111
2.71
D1
2.81
0.107
0.143
E2
3.52
3.62
0.139
0.075
1.80
E1
0.071
1.90
H
0.34 REF
0.013 REF
aaa
0.08
0.003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com