Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP281 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP281
Description  PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE PC CARD MODEM(PCMCIA)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP281 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP281 Datasheet HTML 1Page - Toshiba Semiconductor TLP281 Datasheet HTML 2Page - Toshiba Semiconductor TLP281 Datasheet HTML 3Page - Toshiba Semiconductor TLP281 Datasheet HTML 4Page - Toshiba Semiconductor TLP281 Datasheet HTML 5Page - Toshiba Semiconductor TLP281 Datasheet HTML 6Page - Toshiba Semiconductor TLP281 Datasheet HTML 7Page - Toshiba Semiconductor TLP281 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLP281,TLP281-4
2010-08-27
1
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP281,TLP281-4
PROGRAMMABLE CONTROLLERS
AC/DC-INPUT MODULE
PC CARD MODEM(PCMCIA)
TLP281 and TLP281-4 is a very small and thin coupler, suitable
for surface mount assembly in applications such as PCMCIA Fax
modem, programmable controllers.
TLP281 and TLP281-4 consist of photo transistor, optically coupled
to a gallium arsenide infrared emitting diode.
Collector-Emitter Voltage
: 80 V (MIN)
Current Transfer Ratio
: 50% (MIN)
Rank GB
: 100% (MIN)
Isolation Voltage
: 2500 Vrms (MIN)
UL Recognized
: UL1577 , File No. E67349
BSI Approved
: BS EN 60065: 2002,
: BS EN 60950-1: 2002
Certificate No. 8143, 8144
Pin Configuration (top view)
1:ANODE
2:CATHODE
3:EMITTER
4:COLLECTOR
1,3,5,7
:ANODE
2,4,6,8
:CATHODE
9,11,13,15 :EMITTER
10,12,14,16 :COLLECTOR
1
2
4
3
TLP281
TLP281-4
8
9
1
2
3
4
5
6
7
10
11
12
13
14
15
16
TOSHIBA
11-3A1
Weight: 0.05 g (typ.)
TOSHIBA
11-10F1
Weight: 0.19 g (typ.)
Unit : mm
Unit : mm


Similar Part No. - TLP281

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP281 TOSHIBA-TLP281 Datasheet
197Kb / 7P
PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE PC CARD MODEM(PCMCIA)
TLP281 TOSHIBA-TLP281 Datasheet
207Kb / 7P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP281 TOSHIBA-TLP281 Datasheet
271Kb / 8P
PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP281 TOSHIBA-TLP281 Datasheet
260Kb / 8P
PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE PC CARD MODEM(PCMCIA)
TLP281 TOSHIBA-TLP281 Datasheet
260Kb / 8P
PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE PC CARD MODEM(PCMCIA)
More results

Similar Description - TLP281

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP281 TOSHIBA-TLP281 Datasheet
197Kb / 7P
PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE PC CARD MODEM(PCMCIA)
logo
Fairchild Semiconductor
TLP630 FAIRCHILD-TLP630 Datasheet
892Kb / 9P
Programmable Controllers AC / DC-Input Module Telecommunication
logo
Toshiba Semiconductor
TLP572-07 TOSHIBA-TLP572-07 Datasheet
229Kb / 9P
Programmable Controllers AC/DC-Input Module
TLP281GB TOSHIBA-TLP281GB Datasheet
278Kb / 8P
PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE PC CARD MODEM(PCMCIA)
TLP281-4GBTPJF TOSHIBA-TLP281-4GBTPJF Datasheet
260Kb / 8P
PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE PC CARD MODEM(PCMCIA)
TLP280GB-TP TOSHIBA-TLP280GB-TP Datasheet
210Kb / 9P
Programmable Controllers AC/DC?묲nput Module PC Card Modem (PCMCIA)
TLP281-4GB-TP TOSHIBA-TLP281-4GB-TP Datasheet
260Kb / 8P
PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE PC CARD MODEM(PCMCIA)
TLP280F TOSHIBA-TLP280F Datasheet
185Kb / 9P
Programmable Controllers AC/DC?묲nput Module PC Card Modem (PCMCIA)
TLP281-4JF TOSHIBA-TLP281-4JF Datasheet
260Kb / 8P
PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE PC CARD MODEM(PCMCIA)
TLP280 TOSHIBA-TLP280 Datasheet
219Kb / 9P
Programmable Controllers AC/DC?묲nput Module PC Card Modem (PCMCIA)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com