Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP621 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TLP621
Description  Programmable Controller AC / DC?묲nput Module Solid State Relay
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP621 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLP621 Datasheet HTML 1Page - Toshiba Semiconductor TLP621 Datasheet HTML 2Page - Toshiba Semiconductor TLP621 Datasheet HTML 3Page - Toshiba Semiconductor TLP621 Datasheet HTML 4Page - Toshiba Semiconductor TLP621 Datasheet HTML 5Page - Toshiba Semiconductor TLP621 Datasheet HTML 6Page - Toshiba Semiconductor TLP621 Datasheet HTML 7Page - Toshiba Semiconductor TLP621 Datasheet HTML 8Page - Toshiba Semiconductor TLP621 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TLP621,TLP621
−2,TLP621−4
2007-10-01
5
Individual Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF = 10 mA
1.0
1.15
1.3
V
Reverse current
IR
VR = 5 V
—
—
10
μA
Capacitance
CT
V = 0, f = 1 MHz
—
30
—
pF
Collector
−emitter
breakdown voltage
V(BR) CEO
IC = 0.5 mA
55
—
—
V
Emitter
−collector
breakdown voltage
V(BR) ECO
IE = 0.1 mA
7
—
—
V
VCE = 24 V
—
10
100
nA
Collector dark current
ICEO
VCE = 24 V, Ta = 85°C
—
2
50
μA
Capacitance (collector
to emitter)
CCE
V = 0, f = 1 MHz
—
10
—
pF
Coupled Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
MIn.
Typ.
Max.
Unit
50
—
600
Current transfer ratio
IC / IF
IF = 5 mA, VCE = 5 V
Rank GB
100
—
600
%
—
60
—
Saturated CTR
IC / IF (sat)
IF = 1 mA, VCE = 0.4 V
Rank GB
30
—
—
%
IC = 2.4 mA, IF = 8 mA
—
—
0.4
—
0.2
—
Collector
−emitter
saturation voltage
VCE (sat)
IC = 0.2 mA, IF = 1 mA
Rank GB
—
—
0.4
V
Isolation Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Capacitance (input to output)
CS
VS = 0, f = 1 MHz
—
0.8
—
pF
Isolation resistance
RS
VS = 500 V
1×10
12
10
14
—
Ω
AC, 1 minute
5000
—
—
AC, 1 second, in oil
—
10000
—
Vrms
Isolation voltage
BVS
DC, 1 minute, in oil
—
10000
—
Vdc



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com