Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP700A Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # TLP700A
Description  Industrial inverters Inverter for air conditioners IGBT/Power MOSFET gate drive
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP700A Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button TLP700A Datasheet HTML 9Page - Toshiba Semiconductor TLP700A Datasheet HTML 10Page - Toshiba Semiconductor TLP700A Datasheet HTML 11Page - Toshiba Semiconductor TLP700A Datasheet HTML 12Page - Toshiba Semiconductor TLP700A Datasheet HTML 13Page - Toshiba Semiconductor TLP700A Datasheet HTML 14Page - Toshiba Semiconductor TLP700A Datasheet HTML 15Page - Toshiba Semiconductor TLP700A Datasheet HTML 16Page - Toshiba Semiconductor TLP700A Datasheet HTML 17Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
TLP700
2010-02-23
13
3.6
Reel
(1)
Material: Plastic
(2)
Dimensions: The reel dimensions are as shown in Figure 3 and Table 3.
Figure 3 Reel Forms
4. Packing
Either one reel or five reels of photocouplers are packed in a shipping carton.
5. Label Indication
The carton bears a label indicating the product number, the symbol representing classification of
standard, the quantity, the lot number and the Toshiba company name.
6. Ordering Method
When placing an order, please specify the product number, the CTR rank, the tape type and the quantity
as shown in the following example.
(Example)
TLP700 (TP, F) 1500 pcs
Quantity (must be a multiple of 1500)
[[G]]/RoHS COMPATIBLE (Note 11)
Tape type
Device name
Note 11 :Please contact your TOSHIBA sales representative for details as to environmental matters such as the RoHS
compatibility of Product.
RoHS is the Directive 2002/95/EC of the European Parliament and of the Council of 27 January 2003 on the
restriction of the use of certain hazardous substances in electrical and electronics equipment.
記
号
寸
法
A
φ380 ± 2
B
φ80 ± 1
C
φ13 ± 0.5
E
2.0
± 0.5
U
4.0
± 0.5
W1
17.5
± 0.5
W2
21.5
± 1.0
E
W1
W2
U
Table 3 Reel Dimension
Unit: mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com