Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FH47BUG Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # TMP86FH47BUG
Description  8 Bit Microcontroller TLCS-870/C Series
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FH47BUG Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button TMP86FH47BUG Datasheet HTML 9Page - Toshiba Semiconductor TMP86FH47BUG Datasheet HTML 10Page - Toshiba Semiconductor TMP86FH47BUG Datasheet HTML 11Page - Toshiba Semiconductor TMP86FH47BUG Datasheet HTML 12Page - Toshiba Semiconductor TMP86FH47BUG Datasheet HTML 13Page - Toshiba Semiconductor TMP86FH47BUG Datasheet HTML 14Page - Toshiba Semiconductor TMP86FH47BUG Datasheet HTML 15Page - Toshiba Semiconductor TMP86FH47BUG Datasheet HTML 16Page - Toshiba Semiconductor TMP86FH47BUG Datasheet HTML 17Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 218 page
background image
Table of Contents
Difference among product (TMP86xx46 Series)
TMP86FH47BUG
1.1 Features......................................................................................................................................1
1.2 Pin Assignment..........................................................................................................................3
1.3 Block Diagram...........................................................................................................................4
1.4 Pin Names and Functions..........................................................................................................5
2. Operational Description
2.1 CPU Core Functions ................................................................................................................7
2.1.1
Memory Address Map .......................................................................................................................................................7
2.1.2
Program Memory (Flash) ...................................................................................................................................................7
2.1.3
Data Memory (RAM) .........................................................................................................................................................7
2.2 System Clock Controller ..........................................................................................................8
2.2.1
Clock Generator .................................................................................................................................................................8
2.2.2
Timing Generator .............................................................................................................................................................10
2.2.2.1
Configuration of timing generator
2.2.2.2
Machine cycle
2.2.3
Operation Mode Control Circuit ......................................................................................................................................11
2.2.3.1
Single-clock mode
2.2.3.2
Dual-clock mode
2.2.3.3
STOP mode
2.2.4
Operating Mode Control ..................................................................................................................................................16
2.2.4.1
STOP mode
2.2.4.2
IDLE1/2 mode and SLEEP1/2 mode
2.2.4.3
IDLE0 and SLEEP0 modes (IDLE0, SLEEP0)
2.2.4.4
SLOW mode
2.3 Reset Circuit ...........................................................................................................................29
2.3.1
External Reset Input .........................................................................................................................................................29
2.3.2
Address trap reset .............................................................................................................................................................30
2.3.3
Watchdog timer reset .......................................................................................................................................................30
2.3.4
System clock reset ............................................................................................................................................................30
3. Interrupt Control Circuit
3.1 Interrupt latches (IL15 to IL2) ...............................................................................................31
3.2 Interrupt enable register (EIR) ...............................................................................................32
3.2.1
Interrupt master enable flag (IMF) ..................................................................................................................................32
3.2.2
Individual interrupt enable flags (EF15 to EF4) .............................................................................................................32
3.3 Interrupt Source Selector (INTSEL).......................................................................................35
3.4
Interrupt Sequence ................................................................................................................35
3.4.1
Interrupt acceptance processing is packaged as follows. ................................................................................................35
3.4.2
Saving/restoring general-purpose registers ......................................................................................................................36
3.4.2.1
Using PUSH and POP instructions
3.4.2.2
Using data transfer instructions
3.4.3
Interrupt return .................................................................................................................................................................38
i



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com