Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APV1122AX Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # APV1122AX
Description  PHOTOVOLTAIC MOSFET DRIVER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

APV1122AX Datasheet(HTML) 1 Page - Panasonic Semiconductor

  APV1122AX Datasheet HTML 1Page - Panasonic Semiconductor APV1122AX Datasheet HTML 2Page - Panasonic Semiconductor APV1122AX Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PHOTOVOLTAIC MOSFET DRIVER (APV1,2)
1
en_ds_apv1_2: 040906J
TYPES
Notes: *1 SOP type is picked from 1/2-pin side, SSOP type is picked from 1/4-pin side
*2 SOP type is picked from 3/4-pin side, SSOP type is picked from 2/3-pin side
*3 Tape package is the standard packing style. Also available in tube.
(Part No. suffix “X” or “Y” is not needed when ordering; Tube: 100 pcs.; Case: 2,000 pcs.)
For space reasons, the initial letters of the product number “AP” and “S” are omitted on the product seal.
The package type indicator “X” and “Z” are omitted from the seal. (Ex. the label for product number APV1121SX is V1121).
*4 Tape package is the standard packing style.
For space reasons, the initial letters of the product number “AP” and “V” are omitted on the product seal.
The package type indicator “Y” and “W” are omitted from the seal. (Ex. the label for product number APV2111VY is V2111).
RATING
1. Absolute maximum ratings (Ambient temperature: 25
°C 77°F)
PHOTOVOLTAIC
MOSFET DRIVER
PHOTOVOLTAIC
MOSFET DRIVER
(APV1,2)
Type
Output rating
Part No.
Packing quantity
Drop-out
voltage
(Typ.)
Short circuit
current
(Typ.)
Through hole
terminal
Surface-mount terminal
Tube packing
style
Tube packing
style
Tape and reel packing style
Tube
Tape and
reel
Picked from
1/2/3-pin side*1
Picked from
4/5/6-pin side*2
DIP6pin
8.7V
14µA
APV1122
APV1122A
APV1122AX
APV1122AZ
1 tube contains 50 pcs.
1 batch contains 500 pcs.
1,000 pcs.
SOP4pin
8.7V
14µA
—
—
APV1121SX
APV1121SZ
—
SOP4pin*3
8.2V
8µA
—
—
APV2121SX
APV2121SZ
SSOP*4
8.2V
8µA
—
—
APV2111VY
APV2111VW
—
3,500 pcs.
Item
Symbol
APV1122(A)
APV1121S
APV2121S
APV2111V
Remarks
Input
LED forward current
IF
50mA
LED reverse voltage
VR
5V
Peak forward current
IFP
1A
f = 100 Hz,
Duty Ratio = 0.1%
Power dissipation
Pin
75mA
I/O isolation voltage
Viso
5,000V AC
2,500V AC
2,500V AC
1,500V AC
Temperature
limits
Operating
Topr
–40
°C to +85°C –40°F to +185°F
Non-condensing at
low temperatures
Storage
Tstg
–40
°C to +100°C –40°F to +212°F
1
2
3
6
4
1
2
4
3
FEATURES
1. High-speed switching
Since release time is 0.1 ms, the
MOSFET or other load can be turned off
quickly in urgent situations.
2. Space saving
With a built-in control circuit, an external
resistor is not needed. This contributes to
making substrates more compact.
3. High insulation
DIP type:
5,000 V
SOP type:
2,500 V
SSOP type: 1,500 V
4. Extensive product lineup
Products include the industry’s smallest
SSOP type, SOP4 type, and DIP 6 type.
TYPICAL APPLICATIONS
MOSFET driver
Power supply (Vcc) for electronic
circuits


Similar Part No. - APV1122AX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APV1122AX ETC1-APV1122AX Datasheet
64Kb / 3P
Photovoltaic MOSFET drivers of wide variation
logo
Panasonic Semiconductor
APV1122AX PANASONIC-APV1122AX Datasheet
74Kb / 3P
PHOTOVOLTAIC MOSFET DRIVER Extensive product lineup Space saving
More results

Similar Description - APV1122AX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CT222ADM ETC1-CT222ADM Datasheet
23Kb / 2P
Photovoltaic MOSFET Drivers Dual MOSFET Driver Active Discharge
logo
Vishay Siliconix
VO1263AAC VISHAY-VO1263AAC Datasheet
135Kb / 7P
Dual Photovoltaic MOSFET Driver Solid State Relay
07-May-08
LH1262CAC VISHAY-LH1262CAC_11 Datasheet
139Kb / 6P
Dual Photovoltaic MOSFET Driver Solid-State Relay
26-Sep-11
logo
Panasonic Battery Group
APV PANASONICBATTERY-APV Datasheet
75Kb / 3P
Photovoltaic MOSFET Driver
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-K30T AVAGO-ACPL-K30T Datasheet
302Kb / 10P
Automotive Photovoltaic MOSFET Driver
logo
Vishay Siliconix
VO1263AAC VISHAY-VO1263AAC_13 Datasheet
150Kb / 6P
Dual Photovoltaic MOSFET Driver Solid-State Relay
29-May-13
LH1262 VISHAY-LH1262 Datasheet
158Kb / 6P
Dual Photovoltaic MOSFET Driver Solid-State Relay
31-Jan-2019
VO1263AAC VISHAY-VO1263AAC_V01 Datasheet
172Kb / 8P
Dual Photovoltaic MOSFET Driver Solid-State Relay
15-Mar-2019
LH1262CAC VISHAY-LH1262CAC_V01 Datasheet
157Kb / 6P
Dual Photovoltaic MOSFET Driver Solid-State Relay
31-Jan-2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com