Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS5B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PS5B
Description  13 Amp Plug Style Case
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS5B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PS5B Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
13 Amp Plug Style Case
PS5 Series
Page <1>
30/05/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Features:
••
A battery eliminator style case moulded in black or white ABS with choice of plastic or
brass earth pins
•• Removable internal moulding supports 6 VA transformer and separates live and
neutral solder spills
••
Features knockout for multipostion switch, provision made for cable outlet
••
The two halves are held together by two self-tapping screws accessible from the 13 A
pin side of the case. Anti-tamper screws covers are provided to present easy acce
••
Solder spills are provided for direct connection to a transformer
Warning : This unit should not be used with mains voltage until fully assembled
Specification Table
Type
Earth Pin Material
Colour
Overall Dimensions
Part Number
A
B
C
Standard
Plastic
Black
79
50
53
PS5B
Brass
PS5MEP
White
PS5WMEP
Dimensions : Millimetres
Important Notice : This data sheet and its contents (the "Information") belong to the members of the Premier Farnell group of companies (the "Group") or are licensed to it. No licence is granted for the use of
it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces
all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use
made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted.
Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising)
is excluded. This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. Multicomp is the registered trademark of the Group. © Premier Farnell plc 2012.


Similar Part No. - PS5B

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
PS5 DBLECTRO-PS5 Datasheet
365Kb / 2P
Monostable or bistable relays Single and double Coil magnet latching Type available
logo
Powersolve Electronics ...
PS50 POWERSOLVE-PS50 Datasheet
272Kb / 4P
High Density DC-DC Modules
logo
Clarke International
PS50 CLARKE-PS50 Datasheet
7Mb / 24P
ENGINE DRIVEN SEMI TRASH 2” PUMP
GC1124
logo
Powersolve Electronics ...
PS50--24-S12 POWERSOLVE-PS50--24-S12 Datasheet
272Kb / 4P
High Density DC-DC Modules
logo
List of Unclassifed Man...
PS50-12S05 ETC2-PS50-12S05 Datasheet
266Kb / 4P
High Density DC-DC Modules
More results

Similar Description - PS5B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N5460 MOTOROLA-2N5460 Datasheet
116Kb / 4P
CASE 2904, STYLE 7 TO92 (TO226AA)
2N5555 MOTOROLA-2N5555 Datasheet
271Kb / 8P
CASE 29.04, STYLE 5 TO-92 (TO-226AA)
BAS16LT1 MOTOROLA-BAS16LT1 Datasheet
79Kb / 4P
CASE 31808, STYLE 8 SOT23 (TO236AB)
logo
List of Unclassifed Man...
DO204AL ETC-DO204AL Datasheet
13Kb / 1P
CASE STYLE AND DIMENSIONS
logo
M/A-COM Technology Solu...
MA4P202 MA-COM-MA4P202 Datasheet
67Kb / 1P
Packaged PIN Diodes - ODS-255 Case Style
logo
Pomona Electronics
6146 POMONA-6146 Datasheet
34Kb / 1P
Case, Briefcase, Style, Large
logo
Recom International Pow...
RACM150 RECOM-RACM150 Datasheet
360Kb / 4P
150 Watt Enclosed Case Style Single Output
RACM100-S RECOM-RACM100-S Datasheet
405Kb / 5P
100 Watt Enclosed Case Style Single Output
RACM150-S RECOM-RACM150-S Datasheet
429Kb / 5P
150 Watt Enclosed Case Style Single Output
logo
PHOENIX CONTACT
3043718 PHOENIX-3043718 Datasheet
166Kb / 9P
Plug - SP 4/13
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com