Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1-87159-9 Datasheet(PDF) 21 Page - Tyco Electronics

Part # 1-87159-9
Description  AMPMODU Interconnection System
PDF  321 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-87159-9 Datasheet(HTML) 21 Page - Tyco Electronics

Back Button 1-87159-9 Datasheet HTML 17Page - Tyco Electronics 1-87159-9 Datasheet HTML 18Page - Tyco Electronics 1-87159-9 Datasheet HTML 19Page - Tyco Electronics 1-87159-9 Datasheet HTML 20Page - Tyco Electronics 1-87159-9 Datasheet HTML 21Page - Tyco Electronics 1-87159-9 Datasheet HTML 22Page - Tyco Electronics 1-87159-9 Datasheet HTML 23Page - Tyco Electronics 1-87159-9 Datasheet HTML 24Page - Tyco Electronics 1-87159-9 Datasheet HTML 25Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 321 page
background image
21
1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
Germany: 49-6251-133-1999
CIS WR 08/2011
millimeters unless otherwise
reference purposes only.
Canada: 1-905-475-6222
China: 86-400-820-6015
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
te.com
are metric equivalents.
to change.
L. & S. America: 54-11-4733-2200
UK: 44-800-267-666
AMPMODU Interconnection System
2
Cable-to-Board Receptacle Connectors, Double Row, .050 x .050
[1.27 x 1.27] Centerline
Note: All part numbers are RoHS compliant.
Material and Finish
Housing — Thermoplastic, black,
94V-0 rated
Latch — Stainless steel
Contacts — Phosphor bronze; duplex
plated .000030 [0.00076] minimum
gold in mating area, .000150 [0.00381]
minimum tin on solder tail, with entire
contact underplated .000050 [0.00127]
minimum nickel
Related Product Data
Mating Headers — page 16, 19
(latching)
Terminating Covers (Must be
Purchased Separately, 2 Required
per Connector) — page 22
Termination Tooling — page 23
Performance Specifications —
page 24
Technical Documents — page 24
Product Specification 108-1443
Application Specification
408-9817, 408-9909
Packaging: Tube
A
No. of
Dimensions
Receptacle
Pos.
Part Numbers
AB
C
D
With Latch
Without Latch
10
.578 [14.68]
4
.200 [5.08]
.266 [6.76]
5-104892-1
5-104893-1
20
.828 [21.03]
9
.450 [11.43]
.516 [13.11]
5-104892-2
5-104893-2
30
1.078 [27.38]
14
.700 [17.78]
.766 [19.46]
5-104892-3
5-104893-3
40
1.328 [33.73]
19
.950 [24.13]
1.016 [25.81]
5-104892-4
5-104893-4
50
1.578 [40.08]
24
1.200 [30.48]
1.266 [32.16]
5-104892-5
5-104893-5
60
1.828 [46.43]
29
1.450 [36.83]
1.516 [38.51]
5-104892-6
5-104893-6
70
2.078 [52.78]
34
1.700 [43.18]
1.766 [44.86]
5-104892-7
5-104893-7
80
2.328 [59.13]
39
1.950 [49.53]
2.016 [51.21]
5-104892-8
5-104893-8
100
2.828 [71.83]
49
2.450 [62.23]
2.516 [63.91]
6-104892-0
6-104893-0
.280
[7.11]
.627
[15.94]
.690
[17.56]
D
.120
[3.05]
B Spaces at
.050 [1.27] = C
.284
[7.21]
.327
[8.31]
.050
[1.27]
.050
[1.27]
Typ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com