Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3F2-R2RC4-M Datasheet(PDF) 19 Page - Omron Electronics LLC

Part # E3F2-R2RC4-M
Description  Photoelectric Sensors E3F2
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3F2-R2RC4-M Datasheet(HTML) 19 Page - Omron Electronics LLC

Back Button E3F2-R2RC4-M Datasheet HTML 15Page - Omron Electronics LLC E3F2-R2RC4-M Datasheet HTML 16Page - Omron Electronics LLC E3F2-R2RC4-M Datasheet HTML 17Page - Omron Electronics LLC E3F2-R2RC4-M Datasheet HTML 18Page - Omron Electronics LLC E3F2-R2RC4-M Datasheet HTML 19Page - Omron Electronics LLC E3F2-R2RC4-M Datasheet HTML 20Page - Omron Electronics LLC E3F2-R2RC4-M Datasheet HTML 21Page - Omron Electronics LLC E3F2-R2RC4-M Datasheet HTML 22Page - Omron Electronics LLC E3F2-R2RC4-M Datasheet HTML 23Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Photoelectric Sensors
E3F2
19
■ DC-Switching Models, metal (brass and stainless steel), radial type
■ AC-Switching Models, plastic, axial type
Cable type
Connector type
Without potentiometer
E3F2-R2R
@41-M
E3F2-R2R
@41-S
E3F2-R2R
@41-M
E3F2-R2R
@41-M1-S
With potentiometer
E3F2-DS30
@41-M
E3F2-DS30
@41-S
E3F2-DS30
@41-M1-M E3F2-DS30@41-M1-S
Cable type
Without potentiometer
E3F2-3Z
@
E3F2-R2Z
@
E3F2-DS10Z
@-N
4.8 dia
37
42.3
64.9
Light indicator
4
M18x1 6g
24
optical
area
37
42.3
Light indicator
4.8 dia
76
4
M18x1.6g
65.5
6.9
24
3.45
optical
area
37
42.3
49.3
64.9
Light indicator
Sensitivity adjustor
4.8 dia
4
M18x1 6g
6.9
optical
area
24
3.45
37
42.3
49.3
Light indicator
Sensitivity adjustor
4.8 dia
4
M18x1 6g
76
65.5
6.9
optical
area
24
3.45
16.8 dia.
24
3.1
optical zone
22
90
67.3
62
M18 x 1 6g
5 dia.
8
3.1
Light indicator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com