Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APA2175 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APA2175
Description  Stereo Cap-Free Line Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2175 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APA2175 Datasheet HTML 1Page - Anpec Electronics Coropration APA2175 Datasheet HTML 2Page - Anpec Electronics Coropration APA2175 Datasheet HTML 3Page - Anpec Electronics Coropration APA2175 Datasheet HTML 4Page - Anpec Electronics Coropration APA2175 Datasheet HTML 5Page - Anpec Electronics Coropration APA2175 Datasheet HTML 6Page - Anpec Electronics Coropration APA2175 Datasheet HTML 7Page - Anpec Electronics Coropration APA2175 Datasheet HTML 8Page - Anpec Electronics Coropration APA2175 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jul., 2010
www.anpec.com.tw
2
APA2175
Ordering and Marking Information
Absolute Maximum Ratings (Note 1)
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Symbol
Parameter
Rating
Unit
VPVDD_VDD
PVDD to VDD Voltage
-0.3 to 0.3
VPGND_GND
PGND to GND Voltage
-0.3 to 0.3
VDD
Supply Voltage (VDD and PVDD to GND and PGND)
-0.3 to 5.5
VRSD, VLSD
Input Voltage (RSD and LSD to GND)
GND-0.3 to VDD+0.3
VSS
VSS and CVSS to GND and PGND Voltage
-5.5 to 0.3
V
Pin Configuration
=ThermalPad (connected the ThermalPad
to GND plane for better heat dissipation)
TSSOP-16
(Top View)
TQFN4x4-20B
(Top View)
APA2175
GND 17
LSD 18
PVDD 19
NC 20
NC 16
6 NC
7 VSS
8 NC
9 LOUT
10 VDD
PVDD 2
NC 3
CPP 4
PGND 5
CPN 6
CVSS 7
VSS 8
NC 1
9 LOUT
10 VDD
11 ROUT
12 LIN
13 RSD
14 RIN
15 GND
16 LSD
APA2175
APA2175
Package Code
QB : TQFN4x4-20B
O : TSSOP-16
Operating Ambient Temperature Range
I : -40 to 85 oC
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
Assembly Material
Handling Code
Temperature Range
Package Code
APA2175 QB :
APA2175
XXXXX
XXXXX - Date Code
APA2175 O :
APA2175
XXXXX
XXXXX - Date Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com