Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APA2176 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APA2176
Description  270mW Stereo Cap-Free Headphone Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2176 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APA2176 Datasheet HTML 9Page - Anpec Electronics Coropration APA2176 Datasheet HTML 10Page - Anpec Electronics Coropration APA2176 Datasheet HTML 11Page - Anpec Electronics Coropration APA2176 Datasheet HTML 12Page - Anpec Electronics Coropration APA2176 Datasheet HTML 13Page - Anpec Electronics Coropration APA2176 Datasheet HTML 14Page - Anpec Electronics Coropration APA2176 Datasheet HTML 15Page - Anpec Electronics Coropration APA2176 Datasheet HTML 16Page - Anpec Electronics Coropration APA2176 Datasheet HTML 17Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Jan., 2013
www.anpec.com.tw
13
APA2176/2176A
Charge Pump Shutdown Current
vs. Supply Voltage
Shutdown Current vs. Supply Voltage
Power Dissipation vs. Output Power
Power Dissipation vs. Output Power
Typical Operating Characteristics (Cont.)
Power Dissipation vs. Output Power
Power Dissipation vs. Output Power
Charge Pump Supply Voltage (Volt)
0.0
0.2
0.4
0.6
0.8
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
RSD=LSD=0V
V
DD=3.3V
I
SD(VDD)=0.65µA
No Load
Supply Voltage (Volt)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.5
2.0
2.5
3.0
3.5
4.0
4.5
RSD=LSD=0V
PV
DD=5.0V
I
SD(PVDD)=0.58µA
No Load
Output Power (mW)
0
50
100
150
200
250
0
50
100
150
200
250
V
DD=3.3V
PV
DD=5.0V
THD+N<1%
R
L=16Ω
R
L=32Ω
Output Power (mW)
0
25
50
75
100
125
150
0
20
40
60
80
100
120
V
DD=2.8V
PV
DD=3.6V
THD+N<1%
R
L=32Ω
R
L=16Ω
Output Power (mW)
0
20
40
60
80
100
0
10
20
30
40
50
60
V
DD=1.8V
PV
DD=3.0V
THD+N<1%
R
L=16Ω
R
L=32Ω
Output Power (mW)
0
10
20
30
40
50
60
70
0
10
20
30
40
V
DD=1.8V
PV
DD=2.4V
THD+N<1%
R
L=16Ω
R
L=32Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com