Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEVTG1J331M Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EEVTG1J331M
Description  Aluminum Electrolytic Capacitors/ TG
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEVTG1J331M Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EEVTG1J331M Datasheet HTML 1Page - Panasonic Semiconductor EEVTG1J331M Datasheet HTML 2Page - Panasonic Semiconductor EEVTG1J331M Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ TG
– EE72 –
■ Standard Products
W.V.
Cap.
(±20 %)
Case size
Specification
Part No.
(RoHS:compliant)
Reflow
Min.
Packaging Q'ty
Dia.
Length
✽Size
Code
Ripple
Current
(100 kHz)
(+125 °C)
ESR
(100 kHz)
(+20 °C)
tan
δ
(120 Hz)
(+20 °C)
Taping
(V)
(µF)
(mm)
(mm)
(mA r.m.s.)
( )(pcs)
50
10
8
6.2
E
80
1.60
0.14
EEETG1H100P
(2)
1000
22
8
6.2
E
80
1.60
0.14
EEETG1H220P
(2)
1000
33
86.2
(E)
80
1.60
0.14
EEETG1H330UP
(2)
1000
810.2F
133
0.75
0.14
EEETG1H330P
(2)
500
47
810.2
(F)
133
0.75
0.14
EEETG1H470UP
(2)
500
10
10.2
G
221
0.50
0.14
EEETG1H470P
(2)
500
100
10
10.2
(G)
221
0.50
0.14
EEETG1H101UP
(2)
500
220
12.5
13.5
H13
600
0.23
0.14
EEVTG1H221Q
(3)
200
330
12.5
13.5
H13
600
0.23
0.14
EEVTG1H331Q
(3)
200
470
16
16.5
J16
900
0.150.14
EEVTG1H471M
(3)
125
680
16
16.5
(J16)
900
0.15
0.14
EEVTG1H681UM
(3)
125
18
16.5
K16
950
0.14
0.14
EEVTG1H681M
(3)
125
1000
18
16.5
K16
950
0.14
0.14
EEVTG1H102M
(3)
125
63
10
8
6.2
E
55
2.20
0.12
EEETG1J100P
(2)
1000
22
8
10.2F
100
1.00
0.12
EEETG1J220P
(2)
500
33
810.2
(F)
1001.00
0.12
EEETG1J330UP
(2)
500
10
10.2
G
150
0.80
0.12
EEETG1J330P
(2)
500
47
810.2
(F)
1001.00
0.12
EEETG1J470UP
(2)
500
10
10.2
G
150
0.80
0.12
EEETG1J470P
(2)
500
100
10
10.2
(G)
150
0.80
0.12
EEETG1J101UP
(2)
500
12.5
13.5
H13
350
0.26
0.12
EEVTG1J101Q
(3)
200
220
12.5
13.5
H13
350
0.26
0.12
EEVTG1J221Q
(3)
200
330
16
16.5
J16
500
0.180.12
EEVTG1J331M
(3)
125
470
16
16.5
J16
500
0.180.12
EEVTG1J471M
(3)
125
80
10
8
10.2F
70
1.30
0.12
EEETG1K100P
(2)
500
22
810.2
(F)
70
1.30
0.12
EEETG1K220UP
(2)
500
10
10.2
G
90
1.00
0.12
EEETG1K220P
(2)
500
33
810.2
(F)
70
1.30
0.12
EEETG1K330UP
(2)
500
10
10.2
G
90
1.00
0.12
EEETG1K330P
(2)
500
47
10
10.2
(G)
90
1.00
0.12
EEETG1K470UP
(2)
500
12.5
13.5
H13
250
0.42
0.12
EEVTG1K470Q
(3)
200
100
12.5
13.5
(H13)
250
0.42
0.12
EEVTG1K101UQ
(3)
200
16
16.5
J16
350
0.30
0.12
EEVTG1K101M
(3)
125
220
16
16.5
(J16)
350
0.30
0.12
EEVTG1K221UM
(3)
125
18
16.5
K16
400
0.28
0.12
EEVTG1K221M
(3)
125
330
16
16.5
(J16)
350
0.30
0.12
EEVTG1K331UM
(3)
125
18
16.5
K16
400
0.28
0.12
EEVTG1K331M
(3)
125
470
18
16.5
K16
400
0.28
0.12
EEVTG1K471M
(3)
125
100
10
8
10.2F
70
1.30
0.10
EEETG2A100P
(2)
500
22
810.2
(F)
70
1.30
0.10
EEETG2A220UP
(2)
500
10
10.2
G
90
1.00
0.10
EEETG2A220P
(2)
500
33
10
10.2
G
90
1.00
0.10
EEETG2A330P
(2)
500
47
12.5
13.5
H13250
0.42
0.10
EEVTG2A470Q
(3)
200
100
16
16.5
J16
350
0.30
0.10
EEVTG2A101M
(3)
125
220
18
16.5
K16
400
0.28
0.10
EEVTG2A221M
(3)
125
330
18
16.5
K16
400
0.28
0.10
EEVTG2A331M
(3)
125
✽Size code( ):Miniaturization product
The taping dimensions are explained on EE188 of our Catalog.
Please use it as a reference guide.
Reflow Profile(Fig-1 to Fig-11) listed on EE186 of our Catalog.
Endurance : 125 °C 1000 h (
φ8 10.2 < : 2000 h)
Sep. 2010
00



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com