Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APA2613 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APA2613
Description  6W Stereo Class-D Audio Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2613 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APA2613 Datasheet HTML 1Page - Anpec Electronics Coropration APA2613 Datasheet HTML 2Page - Anpec Electronics Coropration APA2613 Datasheet HTML 3Page - Anpec Electronics Coropration APA2613 Datasheet HTML 4Page - Anpec Electronics Coropration APA2613 Datasheet HTML 5Page - Anpec Electronics Coropration APA2613 Datasheet HTML 6Page - Anpec Electronics Coropration APA2613 Datasheet HTML 7Page - Anpec Electronics Coropration APA2613 Datasheet HTML 8Page - Anpec Electronics Coropration APA2613 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Jul., 2012
www.anpec.com.tw
2
APA2613
Ordering and Marking Information
Note : ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Pin Configuration(Cont.)
APA2613
Handling Code
Temperature Range
Package Code
Package Code
R : TSSOP-28P QA : QFN4x4-28
Operating Ambient Temperature Range
I : -40 to 85
oC
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
Assembly Material
APA2613
XXXXX
APA2613 R :
XXXXX - Date Code
APA2613
XXXXX
APA2613 QA :
XXXXX - Date Code
APA2613
QFN4x4-28
LOUTP 1
LBSP 2
LPVDD 3
SD 4
FLAG 5
LINP 6
LINN 7
15 RINN
16 RINP
17 NC
18 MONO
19 RPVDD
20 RBSP
21 ROUTP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com