Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1410188-3 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 1410188-3
Description  MULTIGIG RT Signal Connectors, Tiers 1 and 2, RT2 Mezzanine,and RT2 Ruggedized
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1410188-3 Datasheet(HTML) 2 Page - Tyco Electronics

  1410188-3 Datasheet HTML 1Page - Tyco Electronics 1410188-3 Datasheet HTML 2Page - Tyco Electronics 1410188-3 Datasheet HTML 3Page - Tyco Electronics 1410188-3 Datasheet HTML 4Page - Tyco Electronics 1410188-3 Datasheet HTML 5Page - Tyco Electronics 1410188-3 Datasheet HTML 6Page - Tyco Electronics 1410188-3 Datasheet HTML 7Page - Tyco Electronics 1410188-3 Datasheet HTML 8Page - Tyco Electronics 1410188-3 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
108-2072
Rev E
2 of 11
3.
REQUIREMENTS
3.1.
Design and Construction
Product shall be of the design, construction and physical dimensions specified on the applicable
product drawing.
3.2.
Materials
Materials used in the construction of this product shall be as specified on the applicable product
drawing.
3.3.
Ratings
●
Operating Voltage:
50 volts AC peak or DC
●
Current: 1 ampere at <30°C (single circuit, free air)
●
Temperature:
-55 to 105°C
3.4.
Performance and Test Description
Product is designed to meet the electrical, mechanical and environmental performance requirements
specified in Figure 1. Unless otherwise specified, all tests shall be performed at ambient environmental
conditions.
3.5.
Test Requirements and Procedures Summary
Test Description
Requirement
Procedure
Initial examination of product.
Meets requirements of product
drawing.
EIA-364-18.
Visual and dimensional (C of C)
inspection per product drawing.
Final examination of product.
Meets visual requirements.
EIA-364-18.
Visual inspection.
ELECTRICAL
Low level contact resistance, circuit. 80 milliohms maximum initial.
5 milliohms maximum average
increase.
10 milliohms maximum individual
increase.
EIA-364-23.
Subject specimens to 100
milliamperes maximum and 20
millivolts maximum open circuit
voltage.
See Figure 3.
Low level contact resistance,
compliant pin.
1 milliohm maximum initial.
1 milliohm maximum change.
EIA-364-23.
Subject specimens to 100
milliamperes maximum and 20
millivolts maximum open circuit
voltage.
See Figure 4.
Insulation resistance.
1000 megohms minimum.
EIA-364-21.
Test between any adjacent pair of
signal contacts, or from any signal
contact to an adjacent ground pin
of mated specimens at 100 volts
DC.
Figure 1 (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com