Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL3205A Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APL3205A
Description  Li Charger Protection IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3205A Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APL3205A Datasheet HTML 9Page - Anpec Electronics Coropration APL3205A Datasheet HTML 10Page - Anpec Electronics Coropration APL3205A Datasheet HTML 11Page - Anpec Electronics Coropration APL3205A Datasheet HTML 12Page - Anpec Electronics Coropration APL3205A Datasheet HTML 13Page - Anpec Electronics Coropration APL3205A Datasheet HTML 14Page - Anpec Electronics Coropration APL3205A Datasheet HTML 15Page - Anpec Electronics Coropration APL3205A Datasheet HTML 16Page - Anpec Electronics Coropration APL3205A Datasheet HTML 17Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jun., 2011
www.anpec.com.tw
13
APL3205A/B
Function Description (Cont.)
Figure3. OVP Timing Chart
T
B(IN)
V
IN
V
OUT
T
ON(OVP)
V
OVP
V
POR
V
FAULT
Powering an Accessory Device
In some applications, such as USB On-The-Go, users need to power an accessory device by using the portable
device’s battery through the jack holes of AC adapter. The APL3205 provide reverse current flow path from OUT to IN.
If V
OUT > VPOR + 0.7V, FET Q1 is turned on, and the reverse current does not flow through the diode but through Q1. Q1
will then remain ON as long as V
OUT > VPOR-VPOR_HYS + RDS_ON*ISUPPLY. Within this voltage range, the reverse current
capability is the same as the forward capability, 1.5A. It should be noted that there is no overcurrent protection in this
direction.
APL3205
Charger
Battery
Accessory
Power Supply
to system
Enable
Disable
Jack
Accessory
Device
Portable
Device
IN
OUT
Gate
Driver and
Logic
Control
Q1
ISUPPLY
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com