Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL3206B Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APL3206B
Description  Li Charger Protection IC with Integrated P-MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3206B Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APL3206B Datasheet HTML 7Page - Anpec Electronics Coropration APL3206B Datasheet HTML 8Page - Anpec Electronics Coropration APL3206B Datasheet HTML 9Page - Anpec Electronics Coropration APL3206B Datasheet HTML 10Page - Anpec Electronics Coropration APL3206B Datasheet HTML 11Page - Anpec Electronics Coropration APL3206B Datasheet HTML 12Page - Anpec Electronics Coropration APL3206B Datasheet HTML 13Page - Anpec Electronics Coropration APL3206B Datasheet HTML 14Page - Anpec Electronics Coropration APL3206B Datasheet HTML 15Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Jan., 2010
APL3206/A/B
www.anpec.com.tw
11
Function Description (Cont.)
Figure 1. OVP Timing Diagram
V
POR
V
OVP
V
ACIN
ACIN OVP
T
ON(OVP)
V
CHRIN
V
CHRIN -VBAT = 150mV
T
B(ACIN)
P-MOS Gate
Control
V
OUT
Turn Off Internal
P-MOSFET
Controlled by
GATDRV
V
CHRIN -VBAT = 150mV
Turn Off Internal P-MOSFET
GATDRV is pulled low
Controlled
by GATDRV
Figure 2. OCP Timing Diagram
Count 13
times
I
OUT
Total count 16
times, IC is
latched off
V
CHRIN
T
B(OCP)
T
ON(OCP)
P-MOS Gate
Control
T
B(OCP)
T
B(OCP)
Turn Off Internal
P-MOSFET
Turn Off
Internal P-
MOSFET
Turn Off
Internal P-
MOSFET
I
OCP
GATDRV is pulled low
Controlled by
GATDRV
Controlled
by
GATDRV
Controlled by
GATDRV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com