Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLR2905ZPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRLR2905ZPBF
Description  Advanced Process Technology
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLR2905ZPBF Datasheet(HTML) 3 Page - International Rectifier

  IRLR2905ZPBF Datasheet HTML 1Page - International Rectifier IRLR2905ZPBF Datasheet HTML 2Page - International Rectifier IRLR2905ZPBF Datasheet HTML 3Page - International Rectifier IRLR2905ZPBF Datasheet HTML 4Page - International Rectifier IRLR2905ZPBF Datasheet HTML 5Page - International Rectifier IRLR2905ZPBF Datasheet HTML 6Page - International Rectifier IRLR2905ZPBF Datasheet HTML 7Page - International Rectifier IRLR2905ZPBF Datasheet HTML 8Page - International Rectifier IRLR2905ZPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
IRLR/U2905ZPbF
www.irf.com
3
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 4. Typical Forward Transconductance
Vs. Drain Current
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
VGS, Gate-to-Source Voltage (V)
1.0
10.0
100.0
1000.0
VDS = 10V
≤ 60µs PULSE WIDTH
TJ = 25°C
TJ = 175°C
0
102030
4050
ID, Drain-to-Source Current (A)
0
10
20
30
40
50
60
TJ = 25°C
TJ = 175°C
VDS = 8.0V
380µs PULSE WIDTH
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
≤ 60µs PULSE WIDTH
Tj = 25°C
3.0V
VGS
TOP
10V
9.0V
7.0V
5.0V
4.5V
4.0V
3.5V
BOTTOM
3.0V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
≤ 60µs PULSE WIDTH
Tj = 175°C
3.0V
VGS
TOP
10V
9.0V
7.0V
5.0V
4.5V
4.0V
3.5V
BOTTOM
3.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com