Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTCA25-251M-R02 Datasheet(PDF) 4 Page - Tyco Electronics

Part # GTCA25-251M-R02
Description  Gas Discharge Tubes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

GTCA25-251M-R02 Datasheet(HTML) 4 Page - Tyco Electronics

  GTCA25-251M-R02 Datasheet HTML 1Page - Tyco Electronics GTCA25-251M-R02 Datasheet HTML 2Page - Tyco Electronics GTCA25-251M-R02 Datasheet HTML 3Page - Tyco Electronics GTCA25-251M-R02 Datasheet HTML 4Page - Tyco Electronics GTCA25-251M-R02 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Gas Discharge Tubes
Gas Discharge Tubes
Document: SCD27304
Status: Released
© 2008, 2011 Tyco Electronics Corporation,
4
Rev: B
Date: MAY 11, 2011
a TE Connectivity Ltd. Company. All rights reserved.
Packaging Information
Part Numbering System
General Characteristics
GTCX25-XXXM-R02 Series
GTCX25-XXXM-R02 Series
Part Description
Tray / Reel
Standard Package
No Leads:
GTCN25-XXXM-R02
200pcs
5,000pcs
Axial Leads:
GTCA25-XXXM-R02
100pcs
1,000pcs
Surface-mount: GTCS25-XXXM-R02
1,500pcs (Reel) 12,000pcs
Example Part Number: GTCX25-351M-R02
GT =
Gas Tube
C =
Ceramic
X =
Lead Configuration: N= No leads; A= Axial Leads; S= Surface-mount
2 =
2 Electrode device
5 =
5mm Diameter
351 =
DC Spark Over Voltage of 350V (at 100V/s)
M =
Tolerance of 20% on DC Spark Over Voltage
R =
Product Family Designator
02 =
Surge rating: 8x20 s 2.5kA 10 times
No Radioactive Material
Storage Temperature:
-40ºC to +90ºC
Operating Temperature: -40ºC to +90ºC
Body: Nickel Plated
Leads: Surface-mount, Axial Devices: Tin Plated
Devices with No Leads: Nickel Plated
Soldering Note: Devices with no leads are non-solderable; meant for insertion into magazine clips
m



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com