Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTCX25-471M-R02 Datasheet(PDF) 2 Page - Tyco Electronics

Part # GTCX25-471M-R02
Description  Gas Discharge Tubes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

GTCX25-471M-R02 Datasheet(HTML) 2 Page - Tyco Electronics

  GTCX25-471M-R02 Datasheet HTML 1Page - Tyco Electronics GTCX25-471M-R02 Datasheet HTML 2Page - Tyco Electronics GTCX25-471M-R02 Datasheet HTML 3Page - Tyco Electronics GTCX25-471M-R02 Datasheet HTML 4Page - Tyco Electronics GTCX25-471M-R02 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Gas Discharge Tubes
Gas Discharge Tubes
Document: SCD27304
Status: Released
© 2008, 2011 Tyco Electronics Corporation,
2
Rev: B
Date: MAY 11, 2011
a TE Connectivity Ltd. Company. All rights reserved.
Device Voltage Ratings and Part Marking
Device Surge Rating, Capacitance, Insulation Resistance, UL
GTCX25-XXXM-R02 Series
Part Number
DC Sparkover
Impulse
Sparkover
DC Holdover
Voltage
On-State Voltage
@100V/s
±20% Tolerance
(V)
@100 V/ s (V)
@1000 V/ s (V)
Per ITU K.12
(<150ms)
(V)
Nominal
(@ 1A)
(V)
GTCX25-750M-R02
75
450
550
<52
20
GTCX25-900M-R02
90
450
550
<52
20
GTCX25-141M-R02
140
500
600
<80
20
GTCX25-151M-R02
150
500
600
<80
20
GTCX25-201M-R02
200
600
700
<135
20
GTCX25-231M-R02
230
600
700
<135
20
GTCX25-251M-R02
250
600
700
<135
20
GTCX25-261M-R02
260
700
800
<135
20
GTCX25-301M-R02
300
800
900
<150
20
GTCX25-351M-R02
350
900
1000
<150
20
GTCX25-401M-R02
400
900
1000
<150
20
GTCX25-421M-R02
420
900
1000
<150
20
GTCX25-471M-R02
470
1050
1150
<150
20
GTCX25-501M-R02
500
1100
1200
<150
20
GTCX25-551M-R02
550
1300
1400
<150
20
GTCX25-601M-R02
600
1300
1400
<150
20
Part Number
Impulse
Discharge
Current
Impulse
Life
AC
Discharge
Current
(1sec duration;
10 hits)
Capacitance
Insulation
Resistance
UL
Rating
8x20 s
10 hits
10x1000 s
300 hits
@50 Hz
@1Mhz
@100V*
UL497B
#E179610
GTCX25-xxxM-R02
2.5kA
100A
2.5Arms
<1pF
10,000 (M )
All Devices
Devices <=90V measured @ 50V
Devices >=500V measured @ 250V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com