Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTCX36-251M-R10 Datasheet(PDF) 6 Page - Tyco Electronics

Part # GTCX36-251M-R10
Description  Gas Discharge Tubes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

GTCX36-251M-R10 Datasheet(HTML) 6 Page - Tyco Electronics

  GTCX36-251M-R10 Datasheet HTML 1Page - Tyco Electronics GTCX36-251M-R10 Datasheet HTML 2Page - Tyco Electronics GTCX36-251M-R10 Datasheet HTML 3Page - Tyco Electronics GTCX36-251M-R10 Datasheet HTML 4Page - Tyco Electronics GTCX36-251M-R10 Datasheet HTML 5Page - Tyco Electronics GTCX36-251M-R10 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
GTCX35-XXX-R05 Series
Gas Discharge Tubes
Gas Discharge Tubes
Document: SCD27380
© 2008, 2011 Tyco Electronics Corporation.
Status: Released
a TE Connectivity Ltd. Company. All rights reserved.
Rev: C
Date: MAY 18, 2011
6
GTCX36-XXXM-R10 Series
Part Marking Reference
308 Constitution Drive, MS R21/2A
Tel (800) 227-7040
www.circuitprotection.com
Menlo Park, CA USA 94025-1164
(650) 361-6 900
www.circuitprotection.com.hk (Chinese)
FAX (650) 361-2508
www.circuitprotection.jp (Japanese)
TE Connectivity, TE Connectivity (Logo) and TE (Logo) are trademarks.
Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and test each product
selected for their own applications. Tyco Electronics Corporation and/or its Affiliates in the TE Connectivity Ltd. family of companies (‘TE”) reserves the
right to change or update, without notice, any information contained in this publication; to change, without notice, the design, construction, processing, or
specification of any product; and to discontinue or limit production or distribution of any product.
This publication supersedes and replaces all
information previously supplied. Without expressed or written consent by an officer of TE, TE does not authorize the use of any of its products as
components in nuclear facility applications, aerospace, or in critical life support devices or systems. TE expressly disclaims all implied warranties
regarding the information contained herein, including, but not limited to, any implied warranties of merchantability or fitness for a particular purpose. TE
only obligations are those in the TE Standard Terms and Conditions of Sale and in no case will TE be liable for any incidental, indirect, or consequential
damages arising from the sale, resale, use, or misuse of its products.
Example Part Marking:
35 R10 GN
=
Manufacture Mark
35 =
Voltage Designator (35 = 350V)
R10 =
Product Family Designator + Surge Current 10kA (8x20 s 10 hits)
GN =
Year and Week of Manufacture



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com