Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9726-EBZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD9726-EBZ
Description  16-Bit, 400 MSPS Digital-to-Analog Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9726-EBZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9726-EBZ Datasheet HTML 9Page - Analog Devices AD9726-EBZ Datasheet HTML 10Page - Analog Devices AD9726-EBZ Datasheet HTML 11Page - Analog Devices AD9726-EBZ Datasheet HTML 12Page - Analog Devices AD9726-EBZ Datasheet HTML 13Page - Analog Devices AD9726-EBZ Datasheet HTML 14Page - Analog Devices AD9726-EBZ Datasheet HTML 15Page - Analog Devices AD9726-EBZ Datasheet HTML 16Page - Analog Devices AD9726-EBZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD9726
Rev. B | Page 13 of 24
A
1AP
EXT
0
–10
–20
–30
–40
–60
–50
–70
–90
–80
–100
–120
–110
1AVG
STOP 7.5MHz
675kHz
START 750kHz
REF LVL
0dBm
10dB
dBm
RF ATT
UNIT
1kHz
1kHz
17s
RBW
VBW
SWT
Figure 14. THD at 400 MSPS and fOUT = 1 MHz (Diplexer High-Pass Output
Showing Harmonics After Calibration,
See the Performance Effects of Calibration Section)
SPAN 34.68MHz
SWEEP 1.012s (601 pts)
VBW 100kHz
CENTER 70.00MHz
*RES BW 10kHz
RMS RESULTS
CARRIER POWER
–14.58dBm/
3.84000MHz
FREQ OFFSET
5.000MHz
10.00MHz
15.00MHz
REF BW
3.840MHz
3.840MHz
3.840MHz
dBc
–76.72
–76.96
–77.07
dBm
–91.30
–91.54
–91.65
LOWER
dBc
–76.69
–77.04
–76.76
dBm
–91.27
–91.62
–91.34
UPPER
REF –35dBm
*AVG
Log
10dB/
PAVG
10
W1 S2
*ATTEN 8dB
EXT REF
Figure 15. One-Carrier WCDMA at 400 MSPS fOUT = 70 MHz
SPAN 47.38MHz
SWEEP 1.383s (601 pts)
VBW 100kHz
CENTER 70.00MHz
*RES BW 10kHz
1 –20.51dBm
2 –20.72dBm
TOTAL CARRIER POWER -17.61dBm/7.68000MHz
REF CARRIER POWER
-20.72dBm/3.84000MHz
OFFSET FREQ
5.000MHz
10.00MHz
15.00MHz
INTEG BW
3.840MHz
3.840MHz
3.840MHz
dBc
–70.61
–71.29
–71.36
dBm
–91.34
–92.01
–92.08
LOWER
RRC FILTER: ON FILTER ALPHA 0.22
dBc
–70.74
–71.31
–71.06
dBm
–91.47
–92.03
–91.78
UPPER
REF –40dBm
*AVG
Log
10dB/
PAVG
10
W1 S2
*ATTEN 6dB
EXT REF
Figure 16. Two-Carrier WCDMA at 400 MSPS fOUT = 70 MHz
SPAN 59.58MHz
SWEEP 1.739s (601 pts)
VBW 100kHz
CENTER 70.00MHz
*RES BW 10kHz
1 –26.43dBm
2 –26.53dBm
3 –26.74dBm
4 –26.88dBm
TOTAL CARRIER POWER -20.62dBm/15.3600MHz
REF CARRIER POWER
-26.43dBm/3.84000MHz
OFFSET FREQ
5.000MHz
10.00MHz
15.00MHz
INTEG BW
3.840MHz
3.840MHz
3.840MHz
dBc
–66.59
–67.63
–67.59
dBm
–93.00
–94.04
–94.00
LOWER
RRC FILTER: ON FILTER ALPHA 0.22
dBc
–67.07
–67.54
–67.44
dBm
–93.48
–93.95
–93.86
UPPER
REF –45dBm
*AVG
Log
10dB/
PAVG
10
W1 S2
*ATTEN 4dB
EXT REF
Figure 17. Four-Carrier WCDMA at 400 MSPS fOUT = 70 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com