Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTCX36-401M-R10 Datasheet(PDF) 5 Page - Tyco Electronics

Part # GTCX36-401M-R10
Description  Gas Discharge Tubes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

GTCX36-401M-R10 Datasheet(HTML) 5 Page - Tyco Electronics

  GTCX36-401M-R10 Datasheet HTML 1Page - Tyco Electronics GTCX36-401M-R10 Datasheet HTML 2Page - Tyco Electronics GTCX36-401M-R10 Datasheet HTML 3Page - Tyco Electronics GTCX36-401M-R10 Datasheet HTML 4Page - Tyco Electronics GTCX36-401M-R10 Datasheet HTML 5Page - Tyco Electronics GTCX36-401M-R10 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
GTCX35-XXX-R05 Series
Gas Discharge Tubes
Gas Discharge Tubes
Document: SCD27380
© 2008, 2011 Tyco Electronics Corporation.
Status: Released
a TE Connectivity Ltd. Company. All rights reserved.
Rev: C
Date: MAY 18, 2011
5
GTCX36-XXXM-R10 Series
General Characteristics
Packaging Information
Part Numbering System
Materials Information
RoHS Compliant
ELV Compliant
No Radioactive Material
Storage Temperature:
-40ºC to +90ºC
Operating Temperature: -40ºC to +90ºC
Body: Nickel Plated
Leads: Surface-mount, Radial and Axial Devices: Tin Plated
Devices with no leads: Nickel Plated
Soldering Notes: Devices with no leads: non-solderable; suitable for insertion into a magazine clip
Part Description
Tray / Reel
Standard Package
No Leaded:
GTCN36-XXXM-R10
100pcs (Tray)
2,500pcs
With Leads:
GTCA36-XXXM-R10/GTCR36-XXXM-R10
100pcs (Tray)
1,000pcs
Surface-mount: GTCS36-XXXM-R10
100pcs (Tray)
2,500pcs
Surface-mount (T&R): GTCS36-XXXM-R10-2
750pcs
6000pcs
Example Part Number: GTCX36-351M-R10-FT
GT =
Gas Tube
C =
Ceramic
X =
Lead Configuration: N= No leads; A= Axial Leads; S= Surface-mount; R= Radial Leads
3 =
3 Electrode device
6 =
6mm Diameter
351 =
DC Spark Over Voltage of 350V (at 100V/s)
M =
Tolerance of 20% on DC Spark Over Voltage
R =
Product Family Designator
10 =
Surge rating: 8x20 s 10kA 10 times
FT =
With Fail-Short mechanism



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com