Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS387 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 1SS387
Description  TOSHIBA Diode Silicon Epitaxial Planar Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

1SS387 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  1SS387 Datasheet HTML 1Page - Toshiba Semiconductor 1SS387 Datasheet HTML 2Page - Toshiba Semiconductor 1SS387 Datasheet HTML 3Page - Toshiba Semiconductor 1SS387 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1SS387
2007-11-01
1
TOSHIBA Diode Silicon Epitaxial Planar Type
1SS387
Ultra High Speed Switching Applications
Compact 2-pin package – ideal for high-density mounting
Low forward voltage
: VF (3) = 0.98V (typ.)
Fast reverse recovery time: trr = 1.6ns (typ.)
Small total capacitance
: CT = 0.5pF (typ.)
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Maximum (peak) reverse voltage
VRM
85
V
Reverse voltage
VR
80
V
Maximum (peak) forward current
IFM
200
mA
Average forward current
IO
100
mA
Surge current (10ms)
IFSM
1
A
Power dissipation
P
150 *
mW
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55
∼125
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are
within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
*:
Mounted on a glass epoxy circuit board of 20 × 20mm,
pad dimension of 4 × 4mm.
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
VF (1)
―
IF = 1mA
―
0.62
―
VF (2)
―
IF = 10mA
―
0.75
―
Forward voltage
VF (3)
―
IF = 100mA
―
0.98
1.20
V
IR (1)
―
VR = 30V
―
―
0.1
Reverse current
IR (2)
―
VR = 80V
―
―
0.5
μA
Total capacitance
CT
―
VR = 0, f = 1MHz
―
0.5
3.0
pF
Reverse recovery time
trr
―
IF = 10mA, Fig.1
―
1.6
4.0
ns
JEDEC
―
JEITA
―
TOSHIBA
1-1G1A
Weight: 1.4mg (typ)
Unit: mm


Similar Part No. - 1SS387

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS387 TOSHIBA-1SS387 Datasheet
125Kb / 2P
DIODE (ULTRA HIGH SPEED SWITCHING APPLICATION)
07-May-1997
logo
Weitron Technology
1SS387 WEITRON-1SS387 Datasheet
376Kb / 3P
High Speed Switching Diodes
logo
TRANSYS Electronics Lim...
1SS387 TEL-1SS387 Datasheet
97Kb / 2P
Plastic-Encapsulate Diodes
logo
Toshiba Semiconductor
1SS387 TOSHIBA-1SS387 Datasheet
205Kb / 4P
Ultra High Speed Switching Applications
01-Nov-2007
logo
Galaxy Semi-Conductor H...
1SS387 BILIN-1SS387 Datasheet
169Kb / 3P
High Speed Switching Diode
Rev.A
More results

Similar Description - 1SS387

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
015AZ2.0 TOSHIBA-015AZ2.0 Datasheet
172Kb / 6P
TOSHIBA Diode Silicon Epitaxial Planar Type
30-Oct-2001
JDV2S06S TOSHIBA-JDV2S06S Datasheet
102Kb / 3P
TOSHIBA DIODE Silicon Epitaxial Planar Type
JDV2S14E TOSHIBA-JDV2S14E Datasheet
73Kb / 3P
TOSHIBA Diode Silicon Epitaxial Planar Type
1SS321 TOSHIBA-1SS321_07 Datasheet
175Kb / 3P
TOSHIBA Diode Silicon Epitaxial Planar Type
HN1D01FE TOSHIBA-HN1D01FE_14 Datasheet
248Kb / 4P
TOSHIBA Diode Silicon Epitaxial Planar Type
HN1D01FU TOSHIBA-HN1D01FU_14 Datasheet
247Kb / 4P
TOSHIBA Diode Silicon Epitaxial Planar Type
1SS250 TOSHIBA-1SS250_14 Datasheet
204Kb / 3P
TOSHIBA Diode Silicon Epitaxial Planar Type
1SS272 TOSHIBA-1SS272_14 Datasheet
229Kb / 4P
TOSHIBA Diode Silicon Epitaxial Planar Type
1SS308 TOSHIBA-1SS308_14 Datasheet
231Kb / 3P
TOSHIBA Diode Silicon Epitaxial Planar Type
1SS314 TOSHIBA-1SS314_14 Datasheet
159Kb / 3P
TOSHIBA Diode Silicon Epitaxial Planar Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com