Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1213 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SA1213
Description  Power Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1213 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SA1213 Datasheet HTML 1Page - Toshiba Semiconductor 2SA1213 Datasheet HTML 2Page - Toshiba Semiconductor 2SA1213 Datasheet HTML 3Page - Toshiba Semiconductor 2SA1213 Datasheet HTML 4Page - Toshiba Semiconductor 2SA1213 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SA1213
2009-12-21
3
VBE (sat) – IC
VCE (sat) – IC
VCE – IC
hFE – IC
Collector current IC (A)
VCE – IC
VCE – IC
Collector current IC (A)
Collector current IC (mA)
Collector current IC (A)
Collector current IC (mA)
Collector current IC (mA)
0
−1.6
−2.0
−0.8
−1.2
0
−0.8
−0.4
−1.2
−1.6
−0.4
Common emitter
Ta
= 25°C
IB = −5 mA
−10
−20
−30
−40
0
−1.6
−2.0
−0.8
−1.2
0
−0.8
−0.4
−1.2
−1.6
−0.4
Common emitter
Ta
= 100°C
IB = −3 mA
−10
−20
−30
−40
−5
−50
0
−1.6
−2.0
−0.8
−1.2
0
−0.8
−0.4
−1.2
−1.6
−0.4
Common emitter
Ta
= −55°C
IB = −5 mA
−10
−20
−30
−40
−50
−10
−100
−3000
−30
30
10
−300
−1000
100
500
1000
300
50
Ta
= 100°C
25
−55
Common emitter
VCE = −2 V
−10
−100
−3000
−30
−0.3
−0.1
−300
−1000
−1
−5
−10
−3
−0.5
Ta
= −55°C
25
100
Common emitter
IC/IB = 20
−10
−100
−3000
−30
−0.03
−0.01
−300
−1000
−0.1
−0.5
−1
−0.3
−0.05
Ta
= 100°C
25
−55
Common emitter
IC/IB = 20



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com