Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBCT320-HF Datasheet(PDF) 4 Page - Comchip Technology

Part # CDBCT320-HF
Description  SMD Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBCT320-HF Datasheet(HTML) 4 Page - Comchip Technology

  CDBCT320-HF Datasheet HTML 1Page - Comchip Technology CDBCT320-HF Datasheet HTML 2Page - Comchip Technology CDBCT320-HF Datasheet HTML 3Page - Comchip Technology CDBCT320-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page 4
REV:A
Company reserves the right to improve product design , functions and reliability without notice.
Standard Packaging
Case Type
3,000
REEL
( pcs )
Reel Size
(inch)
13
REEL PACK
3220/DO-214AB
Suggested PAD Layout
A
B
SIZE
(inch)
0.154MIN.
(mm)
3.90MIN.
4.10MAX.
11.90REF.
0.161MAX.
0.469 REF.
3220/DO-214AB
A
B
C
C
Marking Code
2
Part Number
Marking Code
CDBCT320-HF
CDBCT340-HF
CDBCT360-HF
4
6
CDBCT3100-HF
10
Cathode mark
CSCD
.XX.
Marking code
Comchip Technology CO., LTD.
QW-JB044
SMD Schottky Barrier Diode



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com