Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBER0140R Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBER0140R
Description  SMD Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBER0140R Datasheet(HTML) 2 Page - Comchip Technology

  CDBER0140R Datasheet HTML 1Page - Comchip Technology CDBER0140R Datasheet HTML 2Page - Comchip Technology CDBER0140R Datasheet HTML 3Page - Comchip Technology CDBER0140R Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Reverse voltage (V)
RATING AND CHARACTERISTIC CURVES (CDBER0140R)
Page 2
0.2
0.4
0
1
100
0.6
0.1
1.0
Forward voltage (V)
Fig. 1 - Forward characteristics
Reverse voltage (V)
Fig. 2 - Reverse characteristics
0
15
10
30
20
1
10
100
0
20
40
60
80
100
0
25
50
75
100
125
O
Ambient temperature ( C)
Fig.4 - Current derating curve
1000
Fig. 3 - Capacitance between
terminals characteristics
0.8
REV:C
5
35
25
40
10
1u
1n
10u
1m
100n
10n
0
10
20
30
40
100u
O
-25 C
O
25 C
O
75 C
O
125 C
QW-A1089
Comchip Technology CO., LTD.
SMD Schottky Barrier Diode



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com