Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBER00340 Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBER00340
Description  SMD Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBER00340 Datasheet(HTML) 1 Page - Comchip Technology

  CDBER00340 Datasheet HTML 1Page - Comchip Technology CDBER00340 Datasheet HTML 2Page - Comchip Technology CDBER00340 Datasheet HTML 3Page - Comchip Technology CDBER00340 Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CDBER00340
Page 1
QW-A1088
REV:B
O
Maximum Rating (at TA=25 C unless otherwise noted)
Typ
VRRM
Repetitive peak reverse voltage
Symbol
Parameter
Conditions
Min
Max Unit
V
45
VR
Reverse voltage
V
40
IFSM
Forward current,surge peak
8.3 ms single half sine-wave superimposed
on rate load(JEDEC method)
500
PD
mW
OC
150
+125
-40
Power Dissipation
Sunction temperature
Tj
OC
+125
Junction temperature
TSTG
mA
IO
Average forward current
mA
30
Symbol
Typ
Parameter
Conditions
Min
Max Unit
O
Electrical Characteristics (at TA=25 C unless otherwise noted)
IR
uA
1.5
Forward voltage
IF = 1 mA DC
VF
V
0.37
0.50
CT
Capacitance between terimnals
pF
F = 1 MHZ and 1 VDC reverse voltage
Reverse current
VR = 30V
VR = 40V
1.00
0.053(1.35)
0.045(1.15)
0.034(0.85)
0.026(0.65)
0.030(0.75)
0.024(0.60)
Dimensions in inches and (millimeter)
0.022(0.55) Typ.
0.016(0.40) Typ.
Comchip Technology CO., LTD.
Io = 30 mA
Features
-Designed for mounting on small surface.
-Extremely thin package.
-Low stored charge.
-Majority carrier conduction.
Mechanical data
-Case: 0503/SOD-723F standard package,
molded plastic.
-Terminals: Gold plated, solderable per
MIL-STD-750,method 2026.
-Marking code: cathode band & B2
-Mounting position: Any
-Weight: 0.002 gram(approx.).
VR = 40 Volts
RoHS Device
0503/SOD-723F
SMD Schottky Barrier Diode


Similar Part No. - CDBER00340

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBER00340-HF COMCHIP-CDBER00340-HF Datasheet
198Kb / 4P
SMD Schottky Barrier Diode
More results

Similar Description - CDBER00340

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
RB521G30-G COMCHIP-RB521G30-G Datasheet
51Kb / 2P
SMD Schottky Barrier Diode
CDBF0145 COMCHIP-CDBF0145 Datasheet
151Kb / 2P
SMD Schottky Barrier Diode
CDBF0245 COMCHIP-CDBF0245 Datasheet
151Kb / 2P
SMD Schottky Barrier Diode
CDBF0520 COMCHIP-CDBF0520 Datasheet
124Kb / 2P
SMD Schottky Barrier Diode
CDBFR40 COMCHIP-CDBFR40 Datasheet
72Kb / 2P
SMD Schottky Barrier Diode
CDBFR0145 COMCHIP-CDBFR0145 Datasheet
76Kb / 2P
SMD Schottky Barrier Diode
CDBFR00340 COMCHIP-CDBFR00340 Datasheet
74Kb / 2P
SMD Schottky Barrier Diode
CDBFR0520L COMCHIP-CDBFR0520L Datasheet
73Kb / 2P
SMD Schottky Barrier Diode
CDBU70 COMCHIP-CDBU70 Datasheet
74Kb / 2P
SMD Schottky Barrier Diode
CDBUR42 COMCHIP-CDBUR42 Datasheet
73Kb / 2P
SMD Schottky Barrier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com