Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBF43-HF Datasheet(PDF) 4 Page - Comchip Technology

Part # CDBF43-HF
Description  SMD Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBF43-HF Datasheet(HTML) 4 Page - Comchip Technology

  CDBF43-HF Datasheet HTML 1Page - Comchip Technology CDBF43-HF Datasheet HTML 2Page - Comchip Technology CDBF43-HF Datasheet HTML 3Page - Comchip Technology CDBF43-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMD Schottky Barrier Diode
Page 4
QW-G1029
REV:A
Comchip Technology CO., LTD.
Marking Code
xx = Product type marking code
Park Number
CDBF42-HF
Marking Code
BD
CDBF43-HF
BE
XX
Suggested PAD Layout
SIZE
(inch)
0.083
(mm)
2.10
1.20
1.20
0.047
0.047
3.30
0.130
E
0.90
0.035
Standard Package
A
B
C
D
A
C
B
E
D
1005/SOD-323F
Case Type
Qty per Reel
(Pcs)
4000
1005/SOD-323F
Reel Size
(inch)
7



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com